| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431ACLP bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431ACLP bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 76 page ![]() R1 0.1% R2 0.1% R (see Note A) Vref VO TL431 VI(BATT) RETURN O ref R1 V = 1 + V R2 æ ö ç ÷ è ø VO TL431 VI(BATT) VIT ≈ 2.5 V GND Input Von ≈2 V Voff ≈VI(BATT) TL431, TL431A, TL431B TL432, TL432A, TL432B SLVS543K – AUGUST 2004 – REVISED JUNE 2010 www.ti.com APPLICATION INFORMATION Table 2. Table of Application Circuits APPLICATION FIGURE Shunt regulator Figure 17 Single-supply comparator with temperature-compensated threshold Figure 18 Precision high-current series regulator Figure 19 Output control of a three-terminal fixed regulator Figure 20 High-current shunt regulator Figure 21 Crowbar Circuit Figure 22 Precision 5-V, 1.5-A regulator Figure 23 Efficient 5-V precision regulator Figure 24 PWM converter with reference Figure 25 Voltage monitor Figure 26 Delay timer Figure 27 Precision current limiter Figure 28 Precision constant-current sink Figure 29 A. R should provide cathode current ≥1 mA to the TL431 at minimum V(BATT). Figure 17. Shunt Regulator Figure 18. Single-Supply Comparator With Temperature-Compensated Threshold 28 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B |