| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431ACLP bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431ACLP bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 76 page ![]() 50 40 10 0 0.001 0.01 0.1 1 70 90 STABILITY BOUNDARY CONDITIONS FOR ALL TL431B, TL432, SOT-23, SC-70, AND Q-TEMP DEVICES 100 10 30 80 60 20 Stable A VKA = Vref B VKA = 5 V C VKA = 10 V D VKA = 15 Vf CL − Load Capacitance − µF A C D 150 Ω IKA R1 = 10 kΩ R2 CL VBATT IKA CL VBATT 150 Ω TEST CIRCUIT FOR CURVE A TEST CIRCUIT FOR CURVES B, C, AND D + − + − B A TA = 25°C Stable B TL431, TL431A, TL431B TL432, TL432A, TL432B www.ti.com SLVS543K – AUGUST 2004 – REVISED JUNE 2010 A. The areas under the curves represent conditions that may cause the device to oscillate. For curves B, C, and D, R2 and V+ are adjusted to establish the initial VKA and IKA conditions, with CL = 0. VBATT and CL then are adjusted to determine the ranges of stability. Figure 16. Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 27 Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B |