| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S6B0708 bảng dữ liệu(PDF) 20 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S6B0708 bảng dữ liệu(HTML) 20 Page - Samsung semiconductor |
|
20 / 29 page ![]() S6B0708 64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD 20 Set Page Address Sets the page address of display RAM from the microprocessor into the page address register. Along with column address register, Page address register assigns the address of the display RAM to be written to or read from display data. Changing the address doesn’t affect the display status. RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 1 0 1 1 1 X2 X1 X0 X2 X1 X0 Page 0 0 0 0 0 0 1 1 : : : : 1 1 1 7 Set Column Address Sets the column address of display RAM from the microprocessor into the column address register. When the microprocessor reads or writes display data to or from display RAM, the address are automatically incremented. RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 1 Y5 Y4 Y3 Y2 Y1 Y0 Y5 Y4 Y3 Y2 Y1 Y0 Column Address 0 0 0 0 0 0 0 0 0 0 0 0 1 1 : : : : : : : 1 1 1 1 1 0 62 1 1 1 1 1 1 63 |