| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S6B0708 bảng dữ liệu(PDF) 9 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S6B0708 bảng dữ liệu(HTML) 9 Page - Samsung semiconductor |
|
9 / 29 page ![]() 64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD S6B0708 9 RESET Name I/O Type Description RESETB I Reset input Chip is initialized when RESETB is low LCD DRIVER OUTPUTS Name I/O Type Description C1 - C64 O LCD driver common output S1 - S128 O LCD driver segment output PCLK2 I Phase of internal shift clock (CLK2) PCLK2 H L Phase of Internal Shift Clock (CLK2) Data shift at the rising edge of CLK2 Data shift at the falling edge of CLK2 ADC I Address control signal of Y address counter. ADC H L Segment Output Direction S1 → S2 ..... S63→ S65 → S66 ..... S127→ S128 S64 → S63 ..... S2→ S1 → S128 → S127..... S66→ S65 SHL I Selection of data shift direction SHL H L Data Shift Direction C1 → C2 → C3 ..... C62 → C63 → C64 C64 → C63 → C62 ..... C3 → C2 → C1 |