công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

395032002 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 395032002
Giải thích chi tiết về linh kiện  3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 2 Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX5 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395032002 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  395032002 Datasheet HTML 1Page - Molex Electronics Ltd. 395032002 Datasheet HTML 2Page - Molex Electronics Ltd. 395032002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0395032002
Status:
Active
Description:
3.50mm (.138") Pitch Eurostyle™ Vertical Plug, Rear Wire Entry, 2 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39503
Application
Wire-to-Board
Comments
Rear Wire Entry
Component Type
Plug
Product Literature Order No
USA-355
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
2
Entry Angle
Horizontal
Lock to Mating Part
None
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
16, 18, 20, 22, 24
Wire Size mm²
0.20 - 1.31
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39503-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39503Series
Mates With
39501 Vertical PCB Header, 39502
Horizontal PCB Header, Most 3.50mm
(.138") Pitch Industry Standard PCB
Headers
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - 395032002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
395032003 MOLEX5-395032003 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 3 Circuits
395032004 MOLEX5-395032004 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 4 Circuits
395032005 MOLEX5-395032005 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 5 Circuits
395032006 MOLEX5-395032006 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 6 Circuits
395032008 MOLEX5-395032008 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 8 Circuits
More results

Mô tả tương tự - 395032002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0395032004 MOLEX5-0395032004 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 4 Circuits
0395032006 MOLEX5-0395032006 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 6 Circuits
0395032005 MOLEX5-0395032005 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 5 Circuits
0395032003 MOLEX5-0395032003 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 3 Circuits
0395032012 MOLEX5-0395032012 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 12 Circuits
0395032008 MOLEX5-0395032008 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 8 Circuits
0395032010 MOLEX5-0395032010 Datasheet
138Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 10 Circuits
0395072002 MOLEX5-0395072002 Datasheet
132Kb / 3P
3.50mm (.138") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 2 Circuits
0395033002 MOLEX5-0395033002 Datasheet
141Kb / 3P
3.50mm (.138") Pitch Eurostyle Vertical Plug, Front Wire Entry, 2 Circuits
39503-2002 MOLEX11-39503-2002 Datasheet
42Kb / 1P
3.50mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 2 Circuits
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com