công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R3130N30EC bảng dữ liệu(PDF) 6 Page - RICOH electronics devices division

tên linh kiện R3130N30EC
Giải thích chi tiết về linh kiện  Low Voltage Detector with built-in Delay Circuit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICOH [RICOH electronics devices division]
Trang chủ  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3130N30EC bảng dữ liệu(HTML) 6 Page - RICOH electronics devices division

Back Button R3130N30EC Datasheet HTML 2Page - RICOH electronics devices division R3130N30EC Datasheet HTML 3Page - RICOH electronics devices division R3130N30EC Datasheet HTML 4Page - RICOH electronics devices division R3130N30EC Datasheet HTML 5Page - RICOH electronics devices division R3130N30EC Datasheet HTML 6Page - RICOH electronics devices division R3130N30EC Datasheet HTML 7Page - RICOH electronics devices division R3130N30EC Datasheet HTML 8Page - RICOH electronics devices division R3130N30EC Datasheet HTML 9Page - RICOH electronics devices division R3130N30EC Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
5
PIN DESCRIPTION
Pin No.
Symbol
Description
1
GND
Ground Pin
2OUT
Output Pin
R3130N: Output “L” at detection mode, Output “H” at release mode
R3131N: Output “H” at detection mode, Output “L” at release mode
3VDD
Input Pin
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VDD
Supply Voltage
6.5
V
CMOS VSS-0.3 to VDD+0.3
V
VOUT
Output Voltage
Nch
VSS-0.3 to 6.5
V
IOUT
Output Current
20
mA
PD
Power Dissipation
150
mW
Topt
Operating Temperature Range
-40 to +85
°C
Tstg
Storage Temperature Range
-55 to +125
°C
Tsolder
Soldering Temperature
260°C, 10s
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are threshold limit values that must not be exceeded even for a moment under any con-
ditions.
Moreover, such values for any items must not be reached simultaneously. Operation above these absolute maximum
ratings may cause degradation or permanent damage to the device. These are just stress ratings and do not neces-
sarily imply to guarantee operation below these limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com