công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R3130N30EC bảng dữ liệu(PDF) 4 Page - RICOH electronics devices division

tên linh kiện R3130N30EC
Giải thích chi tiết về linh kiện  Low Voltage Detector with built-in Delay Circuit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICOH [RICOH electronics devices division]
Trang chủ  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3130N30EC bảng dữ liệu(HTML) 4 Page - RICOH electronics devices division

  R3130N30EC Datasheet HTML 1Page - RICOH electronics devices division R3130N30EC Datasheet HTML 2Page - RICOH electronics devices division R3130N30EC Datasheet HTML 3Page - RICOH electronics devices division R3130N30EC Datasheet HTML 4Page - RICOH electronics devices division R3130N30EC Datasheet HTML 5Page - RICOH electronics devices division R3130N30EC Datasheet HTML 6Page - RICOH electronics devices division R3130N30EC Datasheet HTML 7Page - RICOH electronics devices division R3130N30EC Datasheet HTML 8Page - RICOH electronics devices division R3130N30EC Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
3
TIMING CHART
VSS
Tdelay
Supply
Voltage
(VDD)
Output Voltage
Detector
Threshold
Minimum Operating
Voltage
VDET
VSS
VSS
Tdelay
Supply
Voltage
(VDD)
Output Voltage
Detector
Threshold
Minimum Operating
Voltage
VDET
VSS
R3130N Operation Diagram
R3131N Operation Diagram
• Output Delay Operation
Output Delay Time, or Tdelay is specified as follows:
1. In the case of Nch Open Drain Output:
The time interval from rising edge of VDD pulse (1.0V→(VDET)+0.1V) to the time at which the output reaches
2.5V under the condition that the output pin (OUT) is pulled up to 5V through a 470kΩ resistor.
2. In the case of CMOS Output
The time interval from rising edge of VDD pulse (1.0V→(VDET)+0.1V) to the time at which the output reaches
VDD/2.
VDET+1.0V
Input Voltage
Output Voltage
1.0V
5.0V
2.5V
GND
GND
Trst
Tdelay
(VDD)
VDET+1.0V
Input Voltage
Output Voltage
1.0V
VDET+0.1V
(VDET+0.1V)/2
GND
GND
Trst
Tdelay
(VDD)
Nch Open Drain Output
CMOS Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com