| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPMCK16Z4MPV16 bảng dữ liệu(PDF) 91 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 bảng dữ liệu(HTML) 91 Page - Freescale Semiconductor, Inc |
|
91 / 500 page ![]() M68HC16 Z SERIES CENTRAL PROCESSING UNIT USER’S MANUAL 4-31 4.8 Comparison of CPU16 and M68HC11 CPU Instruction Sets Most M68HC11 CPU instructions are a source-code compatible subset of the CPU16 instruction set. However, certain M68HC11 CPU instructions have been replaced by functionally equivalent CPU16 instructions, and some CPU16 instructions with the same mnemonics as M68HC11 CPU instructions operate differently. Table 4-4 shows the M68HC11 CPU instructions that either have been replaced by CPU16 instructions or that operate differently on the CPU16. Replacement instruc- tions are not identical to M68HC11 CPU instructions. M68HC11 code must be altered to establish proper preconditions. All CPU16 instruction execution times differ from those of the M68HC11. Transporting M68HC11 Code to M68HC16 Devices, (M68HC16PN01/D), contains detailed infor- mation about differences between the two instruction sets. Refer to the CPU16 Refer- ence Manual (CPU16RM/AD) for further details about CPU operations. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |