| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPMCK16Z4MPV16 bảng dữ liệu(PDF) 458 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 bảng dữ liệu(HTML) 458 Page - Freescale Semiconductor, Inc |
|
458 / 500 page ![]() INITIALIZATION AND PROGRAMMING EXAMPLES M68HC16 Z SERIES E-6 USER’S MANUAL E.1.2 ORG00000.ASM * Title : ORG00000 * Description : This file is included to set up the reset * vector ($00000 - $00006). * **************************************************************************** ORG $0000 ;put the following reset vector ;information ;at address $00000 of the memory map DC.W $0010 ;zk=0, sk=1, pk=0 DC.W $0200 ;pc=200 -- initial program counter DC.W $03FE ;sp=03fe -- initial stack pointer DC.W $0000 ;iz=0 -- direct page pointer E.1.3 ORG00008.ASM * Title : ORG00008 * Description : This file initializes the interrupt/ * exception vectors ($0008 - $01fe). * If an interrupt occurs requiring the use of * any of these vectors, program flow will * continue at the label “bdm” which must be * added by the programmer to his/her code to * put the program into background debug mode * or some other appropriate routine. * ********************************************************************* ORG $0008 ;put the following code in memory ;starting at address $0008 of the map ;(after the reset vector). ;there is a total of 252 of these ;”DC.W BDM” lines ;Vector Number (in base 10) ;and Vector Description DC.W BDM ;4 Breakpoint (BKPT) DC.W BDM ;5 Bus Error (BERR) DC.W BDM ;6 Software Interrupt (SWI) DC.W BDM ;7 Illegal Instruction DC.W BDM ;8 Divide by Zero DC.W BDM ;9 (Unassigned Reserved) DC.W BDM ;10 (Unassigned Reserved) DC.W BDM ;11 (Unassigned Reserved) DC.W BDM ;12 (Unassigned Reserved) DC.W BDM ;13 (Unassigned Reserved) DC.W BDM ;14 (Unassigned Reserved) DC.W BDM ;15 Uninitialized Interrupt DC.W BDM ;16 (Unassigned Reserved) DC.W BDM ;17 Level 1 Interrupt Autovector DC.W BDM ;18 Level 2 Interrupt Autovector DC.W BDM ;19 Level 3 Interrupt Autovector DC.W BDM ;20 Level 4 Interrupt Autovector Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |