| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC574ADWR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC574ADWR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 30 page ![]() SN54LVC574A, SN74LVC574A OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS SCAS301R − JANUARY 1993 − REVISED MARCH 2005 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 7) SN54LVC574A −55 TO 125 °C UNIT MIN MAX UNIT V Supply voltage Operating 2 3.6 V VCC Supply voltage Data retention only 1.5 V VIH High-level input voltage VCC = 2.7 V to 3.6 V 2 V VIL Low-level input voltage VCC = 2.7 V to 3.6 V 0.8 V VI Input voltage 0 5.5 V V Output voltage High or low state 0 VCC V VO Output voltage 3−state 0 5.5 V I High level output current VCC = 2.7 V −12 mA IOH High-level output current VCC = 3 V −24 mA IO Low level output current VCC = 2.7 V 12 mA IOL Low-level output current VCC = 3 V 24 mA Δt/Δv Input transition rise or fall rate 6 ns/V NOTE 7: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. recommended operating conditions (see Note 7) SN74LVC574A TA = 25°C −40 TO 85 °C −40 TO 125 °C UNIT MIN MAX MIN MAX MIN MAX UNIT V Supply voltage Operating 1.65 3.6 1.65 3.6 1.65 3.6 V VCC Supply voltage Data retention only 1.5 1.5 1.5 V Hi h l l i t VCC = 1.65 V to 1.95 V 0.65 × VCC 0.65 × VCC 0.65 × VCC VIH High-level input voltage VCC = 2.3 V to 2.7 V 1.7 1.7 1.7 V VIH voltage VCC = 2.7 V to 3.6 V 2 2 2 V Lll i t VCC = 1.65 V to 1.95 V 0.35 × VCC 0.35 × VCC 0.35 × VCC VIL Low-level input voltage VCC = 2.3 V to 2.7 V 0.7 0.7 0.7 V VIL voltage VCC = 2.7 V to 3.6 V 0.8 0.8 0.8 V VI Input voltage 0 5.5 0 5.5 0 5.5 V V Output voltage High or low state 0 VCC 0 VCC 0 VCC V VO Output voltage 3−state 0 5.5 0 5.5 0 5.5 V VCC = 1.65 V −4 −4 −4 I High-level VCC = 2.3 V −8 −8 −8 mA IOH High level output current VCC = 2.7 V −12 −12 −12 mA VCC = 3 V −24 −24 −24 VCC = 1.65 V 4 4 4 I Low-level VCC = 2.3 V 8 8 8 mA IOL Low level output current VCC = 2.7 V 12 12 12 mA VCC = 3 V 24 24 24 Δt/Δv Input transition rise or fall rate 6 6 6 ns/V NOTE 7: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |