công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDCE706PW bảng dữ liệu(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CDCE706PW
Giải thích chi tiết về linh kiện  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PW bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button CDCE706PW Datasheet HTML 25Page - Texas Instruments CDCE706PW Datasheet HTML 26Page - Texas Instruments CDCE706PW Datasheet HTML 27Page - Texas Instruments CDCE706PW Datasheet HTML 28Page - Texas Instruments CDCE706PW Datasheet HTML 29Page - Texas Instruments CDCE706PW Datasheet HTML 30Page - Texas Instruments CDCE706PW Datasheet HTML 31Page - Texas Instruments CDCE706PW Datasheet HTML 32Page - Texas Instruments CDCE706PW Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
5x6-Switch A
InputCLK
(PLL Bypass)
PLL1
PLL3
6x6-SwitchB
7-BitDivider
Y0
Y1
Y2
Y3
Y4
Y5
P0
(1...127)
P1
(1...127)
P2
(1...127)
P3
(1...127)
P4
(1...127)
P5
(1...127)
Programming
PLL2
Non-SSC
PLL2
w/SSC
B0335-02
InternalClockSources
OutputSwitchMatrix
Outputs
PLL/Input_Clk
Selection
P-Divider
Setting
P-Divider
Selection
OutputSelection:
Active/Low/3-State
Inverting/Non-Inverting
SlewRate/V
CCOUT
LVCMOS Output Configuration
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
Switch B was added to the output switch matrix to ensure that output frequencies derived from one P-divider are
100% phase-aligned. Also, the P-divider is built in a way that every divide factor is automatically duty-cycle
corrected. Changing the divider value on the fly may cause a glitch on the output.
Figure 23. CDCE706 Output Switch Matrix
In addition, the outputs can be switched active, low, high-impedance state, and/or 180-degree phase-shifted.
Also, the output slew rate and the output voltage are user-selectable.
The output stage of the CDCE706 supports all common output settings, such as enable, disable, low-state, and
signal inversion (180-degree phase shift). It further features slew-rate control (0.6 ns to 3.3 ns) and variable
output supply voltage (2.3 V to 3.6 V).
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com