công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDCE706PW bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CDCE706PW
Giải thích chi tiết về linh kiện  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PW bảng dữ liệu(HTML) 4 Page - Texas Instruments

  CDCE706PW Datasheet HTML 1Page - Texas Instruments CDCE706PW Datasheet HTML 2Page - Texas Instruments CDCE706PW Datasheet HTML 3Page - Texas Instruments CDCE706PW Datasheet HTML 4Page - Texas Instruments CDCE706PW Datasheet HTML 5Page - Texas Instruments CDCE706PW Datasheet HTML 6Page - Texas Instruments CDCE706PW Datasheet HTML 7Page - Texas Instruments CDCE706PW Datasheet HTML 8Page - Texas Instruments CDCE706PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
5x6-Switch A
InputCLK
(PLL Bypass)
PLL1
PLL3
6x6-SwitchB
7-BitDivider
Y0
Y1
Y2
Y3
Y4
Y5
P0
P1
P2
P3
P4
P5
Programming
PLL2
Non-SSC
PLL2
w/SSC
B0335-01
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
OUTPUT SWITCH MATRIX
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
TSSOP20
NAME
NO.
Dependent on SMBus settings, CLK_IN0 is the crystal-oscillator input and can also be used as an
CLK_IN0
5
I
LVCMOS input or as positive differential signal inputs.
Depending on SMBus settings, CLK_IN1 serves as the crystal oscillator output or can be the
CLK_IN1
6
I/O
second LVCMOS input or the negative differential signal input.
GND
4, 8, 13, 17
Ground
Ground
User-programmable control input S0 (PLL bypass or power-down mode) or A0 (address bit 0), or
S0, A0,
1
I
CLK_SEL (selects one of two LVCMOS clock inputs), dependent on the SMBus settings; LVCMOS
CLK_SEL
inputs; internal pullup 150 k
Ω
User-programmable control input S1 (output enable/disable or all output low), A1 (address bit 1),
S1, A1
2
I
dependent on the SMBus settings; LVCMOS inputs; internal pullup 150 k
Ω
SCLOCK
10
I
Serial control clock input for SMBus controller; LVCMOS input
SDATA
9
I/O
Serial control data input/output for SMBus controller; LVCMOS input
VCC
3, 7
Power
3.3-V power supply for the device
VCCOUT1
14
Power
Power supply for outputs Y0, Y1
VCCOUT2
18
Power
Power supply for outputs Y2, Y3, Y4, Y5
11, 12, 15,
Y0 to Y5
O
LVCMOS outputs
16, 19, 20
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40