| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC2T45DCTT bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC2T45DCTT bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 5-Jul-2010 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/ Ball Finish MSL Peak Temp (3) Samples (Requires Login) SN74LVC2T45DCTR ACTIVE SM8 DCT 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC2T45DCTRE4 ACTIVE SM8 DCT 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC2T45DCTRG4 ACTIVE SM8 DCT 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC2T45DCTT ACTIVE SM8 DCT 8 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Contact TI Distributor or Sales Office SN74LVC2T45DCTTE4 ACTIVE SM8 DCT 8 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Contact TI Distributor or Sales Office SN74LVC2T45DCTTG4 ACTIVE SM8 DCT 8 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Contact TI Distributor or Sales Office SN74LVC2T45DCUR ACTIVE US8 DCU 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC2T45DCURE4 ACTIVE US8 DCU 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC2T45DCURG4 ACTIVE US8 DCU 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC2T45DCUT ACTIVE US8 DCU 8 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Purchase Samples SN74LVC2T45DCUTE4 ACTIVE US8 DCU 8 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Purchase Samples SN74LVC2T45DCUTG4 ACTIVE US8 DCU 8 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Purchase Samples SN74LVC2T45YZPR ACTIVE DSBGA YZP 8 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM Request Free Samples (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |