| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC2T45DCTT bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC2T45DCTT bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 25 page ![]() www.ti.com TYPICAL CHARACTERISTICS 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 CL − pF VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 5 V 0 5 10 15 20 25 30 35 CL − pF 0 1 2 3 4 5 6 7 8 9 10 VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 5 V TYPICAL PROPAGATION DELAY (B to A) vs LOAD CAPACITANCE 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 5 V CL − pF 0 5 10 15 20 25 30 35 CL − pF VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 5 V 0 1 2 3 4 5 6 7 8 9 10 SN74LVC2T45 DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES516I – DECEMBER 2003 – REVISED MARCH 2007 abc TYPICAL PROPAGATION DELAY (A to B) vs LOAD CAPACITANCE T A = 25°C, VCCA = 1.8 V T A = 25°C, VCCA = 1.8 V 10 Submit Documentation Feedback |