công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTH04T240FAS bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PTH04T240FAS
Giải thích chi tiết về linh kiện  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAS bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button PTH04T240FAS Datasheet HTML 7Page - Texas Instruments PTH04T240FAS Datasheet HTML 8Page - Texas Instruments PTH04T240FAS Datasheet HTML 9Page - Texas Instruments PTH04T240FAS Datasheet HTML 10Page - Texas Instruments PTH04T240FAS Datasheet HTML 11Page - Texas Instruments PTH04T240FAS Datasheet HTML 12Page - Texas Instruments PTH04T240FAS Datasheet HTML 13Page - Texas Instruments PTH04T240FAS Datasheet HTML 14Page - Texas Instruments PTH04T240FAS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
CAPACITOR RECOMMENDATIONS FOR THE PTH04T240/241W POWER MODULE
Capacitor Technologies
Input Capacitor (Required)
Input Capacitor Information
PTH04T240F
www.ti.com ............................................................................................................................................... SLTS293A – DECEMBER 2008 – REVISED MARCH 2009
Electrolytic Capacitors
When using electrolytic capacitors, high quality, computer-grade electrolytic capacitors are recommended.
Aluminum electrolytic capacitors provide adequate decoupling over the frequency range, 2 kHz to 150 kHz,
and are suitable when ambient temperatures are above -20°C. For operation below -20°C, tantalum,
ceramic, or OS-CON type capacitors are required.
Ceramic Capacitors
Above 150 kHz the performance of aluminum electrolytic capacitors is less effective. Multilayer ceramic
capacitors have very low ESR and a resonant frequency higher than the bandwidth of the regulator. They
can be used to reduce the reflected ripple current at the input as well as improve the transient response of
the output.
Tantalum, Polymer-Tantalum Capacitors
Tantalum type capacitors may only used on the output bus, and are recommended for applications where the
ambient operating temperature is less than 0°C. The AVX TPS series and Kemet capacitor series are
suggested over many other tantalum types due to their lower ESR, higher rated surge, power dissipation,
and ripple current capability. Tantalum capacitors that have no stated ESR or surge current rating are not
recommended for power applications.
The PTH04T240F requires a minimum input capacitance of 220
µF. The ripple current rating of the input
capacitor must be at least 500mArms. An additional 22-
µF, X5R/X7R ceramic capacitor is recommended to
reduce the RMS ripple current.
The size and value of the input capacitor is determined by the converter transient performance capability. This
minimum value assumes that the converter is supplied with a responsive, low inductance input source. This
source should have ample capacitive decoupling, and be distributed to the converter via PCB power and ground
planes.
Ceramic capacitors should be located as close as possible to the module's input pins, within 0.5 inch (1,3 cm).
Adding ceramic capacitance is necessary to reduce the high-frequency ripple voltage at the module input. This
reduces the magnitude of the ripple current through the electroytic capacitor, as well as the amount of ripple
current reflected back to the input source. Additional ceramic capacitors can be added to further reduce the RMS
ripple current requirement for the electrolytic capacitor.
Increasing the minimum input capacitance to 680µF is recommended for high-performance applications, or
wherever the input source performance is degraded.
The main considerations when selecting input capacitors are the RMS ripple current rating, temperature stability,
and less than 100 m
Ω of equivalent series resistance (ESR).
Regular tantalum capacitors are not recommended for the input bus. These capacitors require a recommended
minimum voltage rating of 2 × (maximum dc voltage + ac ripple). This is standard practice to ensure reliability.
No tantalum capacitors were found with a sufficient voltage rating to meet this requirement.
When the operating temperature is below 0°C, the ESR of aluminum electrolytic capacitors increases. For these
applications, OS-CON, poly-aluminum, and polymer-tantalum types should be considered.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com