| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC912XDP512F0CFVR bảng dữ liệu(PDF) 837 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR bảng dữ liệu(HTML) 837 Page - Freescale Semiconductor, Inc |
|
837 / 1348 page ![]() Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 839 Table 22-20. DDRK Field Descriptions Field Description 7–0 DDRK[7:0] Data Direction Port K 0 Associated pin is configured as input. 1 Associated pin is configured as output. Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read on PORTK after changing the DDRK register. |