| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC912XDP512F0CFVR bảng dữ liệu(PDF) 444 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR bảng dữ liệu(HTML) 444 Page - Freescale Semiconductor, Inc |
|
444 / 1348 page ![]() Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3) MC9S12XDP512 Data Sheet, Rev. 2.21 444 Freescale Semiconductor Read: Anytime Write: Anytime in initialization mode (INITRQ = 1 and INITAK = 1) Read: Anytime Write: Anytime in initialization mode (INITRQ = 1 and INITAK = 1) Table 10-22. CANIDMR0–CANIDMR3 Register Field Descriptions Field Description 7:0 AM[7:0] Acceptance Mask Bits — If a particular bit in this register is cleared, this indicates that the corresponding bit in the identifier acceptance register must be the same as its identifier bit before a match is detected. The message is accepted if all such bits match. If a bit is set, it indicates that the state of the corresponding bit in the identifier acceptance register does not affect whether or not the message is accepted. 0 Match corresponding acceptance code register and identifier bits 1 Ignore corresponding acceptance code register bit Module Base + 0x001C (CANIDMR4) 0x001D (CANIDMR5) 0x001E (CANIDMR6) 0x001F (CANIDMR7) 76543210 R AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 W Reset 0 0 0 00000 76543210 R AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 W Reset 0 0 0 00000 76543210 R AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 W Reset 0 0 0 00000 76543210 R AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 W Reset 0 0 0 00000 Figure 10-23. MSCAN Identifier Mask Registers (Second Bank) — CANIDMR4–CANIDMR7 |