| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC912XDP512F0CFVR bảng dữ liệu(PDF) 366 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR bảng dữ liệu(HTML) 366 Page - Freescale Semiconductor, Inc |
|
366 / 1348 page ![]() Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1) MC9S12XDP512 Data Sheet, Rev. 2.21 366 Freescale Semiconductor NOTE Register Address = Base Address + Address Offset, where the Base Address is defined at the MCU level and the Address Offset is defined at the module level. 8.3.2 Register Descriptions This section describes in detail all the registers and register bits in the PWM module. Register Name Bit 7 6 5 4 3 2 1 Bit 0 PWME R PWME7 PWME6 PWME5 PWME4 PWME3 PWME2 PWME1 PWME0 W PWMPOL R PPOL7 PPOL6 PPOL5 PPOL4 PPOL3 PPOL2 PPOL1 PPOL0 W PWMCLK R PCLK7 PCLKL6 PCLK5 PCLK4 PCLK3 PCLK2 PCLK1 PCLK0 W PWMPRCLK R 0 PCKB2 PCKB1 PCKB0 0 PCKA2 PCKA1 PCKA0 W PWMCAE R CAE7 CAE6 CAE5 CAE4 CAE3 CAE2 CAE1 CAE0 W PWMCTL R CON67 CON45 CON23 CON01 PSWAI PFRZ 00 W PWMTST1 R 0 0 0 00000 W PWMPRSC1 R 0 0 0 00000 W PWMSCLA R Bit 7 6 5 4 3 2 1 Bit 0 W PWMSCLB R Bit 7 6 5 4 3 2 1 Bit 0 W PWMSCNTA 1 R 0 0 0 00000 W PWMSCNTB 1 R 0 0 0 00000 W = Unimplemented or Reserved Figure 8-2. PWM Register Summary (Sheet 1 of 3) |