công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7MC2XX bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện ST7MC2XX
Giải thích chi tiết về linh kiện  8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2XX bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button ST7MC2XX Datasheet HTML 30Page - STMicroelectronics ST7MC2XX Datasheet HTML 31Page - STMicroelectronics ST7MC2XX Datasheet HTML 32Page - STMicroelectronics ST7MC2XX Datasheet HTML 33Page - STMicroelectronics ST7MC2XX Datasheet HTML 34Page - STMicroelectronics ST7MC2XX Datasheet HTML 35Page - STMicroelectronics ST7MC2XX Datasheet HTML 36Page - STMicroelectronics ST7MC2XX Datasheet HTML 37Page - STMicroelectronics ST7MC2XX Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 309 page
background image
ST7MC1xx/ST7MC2xx
34/309
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
6.3.3 Clock Security System (CSS)
The Clock Security System (CSS) protects the
ST7 against main clock problems. To allow the in-
tegration of the security features in the applica-
tions, it is based on a PLL which can provide a
backup clock. The PLL can be enabled or disabled
by option byte or by software. It requires an 8-MHz
input clock and provides a 16-MHz output clock.
6.3.3.1 Safe Oscillator Control
The safe oscillator of the CSS block is made of a
PLL.
If the clock signal disappears (due to a broken or
disconnected resonator...) the PLL continues to
provide a lower frequency, which allows the ST7 to
perform some rescue operations.
Note: The clock signal must be present at start-up.
Otherwise, the ST7MC will not start and will be
maintained in RESET conditions.
6.3.3.2 Limitation detection
The automatic safe oscillator selection is notified
by hardware setting the CSSD bit of the SICSR
register. An interrupt can be generated if the CS-
SIE bit has been previously set.
These two bits are described in the SICSR register
description.
6.3.4 Low Power Modes
6.3.4.1 Interrupts
The CSS or AVD interrupt events generate an in-
terrupt if the corresponding Enable Control Bit
(CSSIE or AVDIE) is set and the interrupt mask in
the CC register is reset (RIM instruction).
Note 1: This interrupt allows to exit from Active-
halt mode.
Mode
Description
Wait
No effect on SI. CSS and AVD interrupts
cause the device to exit from Wait mode.
Halt
The CRSR register is frozen.
The CSS (including the safe oscillator) is
disabled until Halt mode is exited. The pre-
vious CSS configuration resumes when the
MCU is woken up by an interrupt with “exit
from Halt mode” capability or from the coun-
ter reset value when the MCU is woken up
by a RESET. The AVD remains active, and
an AVD interrupt can be used to exit from
Halt mode.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
CSS event detection
(safe oscillator acti-
vated as main clock)
CSSD
CSSIE
Yes
No 1)
AVD event
AVDF
AVDIE
Yes
Yes
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com