| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C08-F bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C08-F bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 39 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 Package mechanical data Doc ID 5067 Rev 16 27/39 Table 18. M24C08: Thin WLCSP (0.3 mm height), 0.4 mm pitch, 5 bumps, package data(1) 1. Preliminary data. Symbol millimeters inches(2) 2. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A 0.3 0.270 0.330 0.0118 0.0096 0.014 A1 0.1 0.0039 A2 0.2 0.0079 b 0.16 0.0063 D 1.215 1.34 0.0478 0.0528 E 1.025 1.15 0.0404 0.0453 e 0.4 0.0157 e1 0.693 0.0273 e2 0.346 0.0136 F 0.313 0.0123 G 0.261 0.0103 N(3) 3. N is the total number of terminals. 55 Table 19. M24C16: WLCSP (0.5 mm height) 0.4 mm pitch, 5 bumps, package data(1) 1. Preliminary data. Symbol millimeters inches(2) 2. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A 0.545 0.495 0.595 0.0215 0.0195 0.0234 A1 0.19 0.165 0.215 0.0075 0.0065 0.0085 A2 0.355 0.33 0.38 0.014 0.013 0.015 b 0.27 0.24 0.3 0.0106 0.0094 0.0118 D 1.255 1.235 1.275 0.0494 0.0486 0.0502 E 1.210 1.190 1.230 0.0476 0.0469 0.0484 e 0.4 0.0157 e1 0.693 0.0273 e2 0.346 0.0136 F 0.405 0.0159 G 0.281 0.0111 N(3) 3. N is the total number of terminals. 55 |