công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56L307 bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc

tên linh kiện DSP56L307
Giải thích chi tiết về linh kiện  24-Bit Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56L307 bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56L307 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
AC Electrical Characteristics
DSP56L307 Technical Data, Rev. 6
Freescale Semiconductor
2-13
Notes:
1.
WS = number of BCR-specified wait states. The value is the minimum for a given category. (for example, for a category of [2
≤
WS
≤7] timing is specified for 2 wait states.) Two wait states is the minimum otherwise.
2.
Timings 100 and 107 are guaranteed by design, not tested.
3.
All timings for 160 MHz are measured from 0.5
× V
CCH to 0.5 × VCCH.
4.
For TA deassertion: timing 118 is relative to the deassertion edge of RD or WR if TA is active.
5.
The WS number applies to the access in which the deassertion of WR occurs and assumes the next access uses a minimal
number of wait states.
Table 2-9.
160 MHz SRAM Timing
No.
Characteristics
Symbol
Expression1
160 MHz
Unit
Min
Max
100
Address valid and AA assertion pulse width2
tRC, tWC
(WS + 2)
× TC −4.0
[2
≤WS ≤7]
(WS + 3)
× T
C −4.0
[WS
≥ 8]
21.0
64.7
—
—
ns
ns
101
Address and AA valid to WR assertion
tAS
0.75
× TC −3.0
[2
≤WS ≤3]
1.25
× TC −3.0
[WS
≥ 4]
1.7
4.8
—
—
ns
ns
102
WR assertion pulse width
tWP
WS
× T
C −4.0
[2
≤WS ≤3]
(WS
−0.5) × TC −4.0
[WS
≥ 4]
8.5
17.8
—
—
ns
ns
103
WR deassertion to address not valid
tWR
1.25
× TC −4.0
[2
≤WS ≤7]
2.25
× T
C −4.0
[WS
≥ 8]
3.8
10.0
—
—
ns
ns
104
Address and AA valid to input data valid
tAA, tAC
(WS + 0.75)
× TC −6.5
[WS
≥ 2]
—10.7
ns
105
RD assertion to input data valid
tOE
(WS + 0.25)
× TC −6.5
[WS
≥ 2]
—7.6
ns
106
RD deassertion to data not valid (data hold time)
tOHZ
0.0
—
ns
107
Address valid to WR deassertion2
tAW
(WS + 0.75)
× TC −4.0
[WS
≥ 2]
13.2
—
ns
108
Data valid to WR deassertion (data set-up time)
tDS (tDW)(WS −0.25) × TC −5.4
[WS
≥ 2]
5.5
—
ns
109
Data hold time from WR deassertion
tDH
1.25
× TC −4.0
[2
≤WS ≤7]
2.25
× TC −4.0
[WS
≥ 8]
3.8
10.1
—
—
ns
ns
110
WR assertion to data active
—
0.25
× T
C −4.0
[2
≤WS ≤3]
-0.25
× TC −4.0
[WS
≥ 4]
–2.4
–5.6
—
—
ns
ns
111
WR deassertion to data high impedance
—
1.25
× TC
[2
≤WS ≤7]
2.25
× T
C
[WS
≥ 8]
—
—
7.8
14.0
ns
Table 2-8.
100 MHz SRAM Timing (Continued)
No.
Characteristics
Symbol
Expression1
100 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com