| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL16CP754C bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL16CP754C bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 49 page ![]() NC DSRD CTSD DTRD GND RTSD INTD CSD TXD IOR TXC CSC INTC RTSC VCC DTRC CTSC DSRC NC NC 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 NC NC DSRA CTSA DTRA VCC RTSA INTA CSA TXA IOW TXB CSB INTB RTSB GND DTRB CTSB DSRB NC PN PACKAGE (TOP VIEW) 61 71 66 76 62 72 67 77 63 73 68 78 64 74 69 79 65 75 70 80 40 30 35 25 39 29 34 24 38 28 33 23 37 27 32 22 36 26 31 21 NC No internal connection – TL16C754CPN TL16CP754C, TL16CM754C, TL16C754C SLLS644E – DECEMBER 2007 – REVISED MAY 2010 www.ti.com Each UART transmits data sent to it from the peripheral 8-bit bus on the TX signal and receives characters on the RX signal. Characters can be programmed to be 5, 6, 7, or 8 bits. The UART has a 64-byte receive FIFO and transmit FIFO and can be programmed to interrupt at different trigger levels. The UART generates its own desired baud rate based upon a programmable divisor and its input clock. It can transmit even, odd, or no parity and 1-, 1.5-, or 2-stop bits. The receiver can detect break, idle or framing errors, FIFO overflow, and parity errors. The transmitter can detect FIFO underflow. The UART also contains a software interface for modem control operations, and software flow control and hardware flow control capabilities. The '754C is available in 80-pin TQFP PN and 64-pin TQFP PM packages. There are two versions available in the PM package, the TL16CP754C and the TL16CM754C. The ’CP754C internally connects the INTSEL signal to VCC and the ’CM754C internally connects the INTSEL signal to GND. 2 Submit Documentation Feedback Copyright © 2007–2010, Texas Instruments Incorporated Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C |