| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADM1029ARQZ-R7 bảng dữ liệu(PDF) 24 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADM1029ARQZ-R7 bảng dữ liệu(HTML) 24 Page - ON Semiconductor |
|
24 / 50 page ![]() Rev. 1 | Page 24 of 50 | www.onsemi.com MEASURE FAN SPEED FAN1 (REG 0x70) FAN2 (REG 0x71) CONFIGURE GPIO EVENT MASK REGISTERS (REG 0x38 – 0x3E) CONFIGURE TEMP COOLING ACTION LOCAL TEMP (REG 0x48) REMOTE 1 TEMP (REG 0x49) REMOTE 2 TEMP (REG 0x4A) CONFIGURE AIN EVENT MASK REGISTERS AIN1 (REG 0x58) AIN2 (REG 0x59) IS GPIO PIN ASSERTED? YES YES FAN RUNS AT ALARM OR HOT-PLUG SPEED GPIO EVENT MASK (CONFIGURE REG 0x38 FOR GPIO0, REG 0x39 FOR GPIO1.....REG 0x3E FOR GPIO6) BIT 0 = 1 FAN 1 RUNS AT ALARM OR HOT-PLUG SPEED IF GPIO PIN IS ASSERTED BIT 1 = 1 FAN 2 RUNS AT ALARM OR HOT-PLUG SPEED IF GPIO PIN IS ASSERTED BITS 2 – 7 DON'T CARE PROGRAM FAN START TEMPERATURE, TMIN LOCAL TEMP (REG 0x80) REMOTE 1 TEMP (REG 0x81) REMOTE 2 TEMP (REG 0x82) PROGRAM TEMP-TO-FAN SPEED CONTROL SLOPE, TRANGE LOCAL TEMP (REG 0x88) REMOTE 1 TEMP (REG 0x89) REMOTE 2 TEMP (REG 0x8A) CONFIGURE CONTROL LOOP HYSTERESIS LOCAL TEMP (REG 0x88) REMOTE 1 TEMP (REG 0x89) REMOTE 2 TEMP (REG 0x8A) AIN EVENT MASK (CONFIGURE REG 0x58 FOR AIN 0, REG 0x59 FOR AIN 1) BIT 0 = 1 FAN 1 RUNS AT ALARM SPEED IF AIN OUT-OF-LIMIT EVENT OCCURS BIT 1 = 1 FAN 2 RUNS AT ALARM SPEED IF AIN OUT-OF-LIMIT EVENT OCCURS IS AIN PIN ASSERTED? FAN RUNS AT ALARM SPEED AUTOMATIC FAN SPEED CONTROL CONFIGURATION (REFER TO AUTOMATIC FAN SPEED CONTROL FLOWCHART) CONFIGURE FAN SPIN-UP TIME REGISTER 0x0C CONFIGURE PWM DRIVE FREQUENCY FAN1 (REG 0x68) FAN2 (REG 0x69) CONFIGURE TACH OSCILLATOR FREQUENCY FAN1 (REG 0x68) FAN2 (REG 0x69) BITS 2 – 7 DON'T CARE Figure 17. Fan Configuration Flowchart (Continued) ADM1029 |