công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

30DCF6 bảng dữ liệu(PDF) 4 Page - Tyco Electronics

tên linh kiện 30DCF6
Giải thích chi tiết về linh kiện  RFI Power Line Filters for DC Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

30DCF6 bảng dữ liệu(HTML) 4 Page - Tyco Electronics

  30DCF6 Datasheet HTML 1Page - Tyco Electronics 30DCF6 Datasheet HTML 2Page - Tyco Electronics 30DCF6 Datasheet HTML 3Page - Tyco Electronics 30DCF6 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Case Styles (continued)
RFI Power Line Filters for DC Applications (Continued)
Case Dimensions (cont'd)
Part
A
B
C
D
E
F
Number
(max)
(max) (max)
*
(max)
*
60DCF10
8.56
5.48
2.55
4.92
5.94
2.576
217.4
139.2
64.8
124.97
150.9
65.43
60DCF10B
11.75
5.06
1.48
5.74
9.06
6.52
298.5
128.5
37.6
145.8
230.1 165.61
100DCB6(F)
10.31
5.06
1.78
4.50
8.06
1.25
261.9
128.5
45.2
114.3
204.7
31.75
100DCB6B(F)
12.31
6.06
1.78
5.50
10.06
1.25
312.7
153.9
45.2
139.7
255.5
31.75
100DCB10(F)
11.13
5.06
1.78
4.50
8.06
1.25
282.6
128.5
45.2
114.3
204.7
31.75
100DCB10B(F)
13.13
6.06
1.78
5.50
10.06
1.25
333.5
153.9
45.2
139.7
255.5
31.75
100DCF6
10.60
6.30
2.52
5.70
8.46
4.52
269.2
160.0
64.0
144.78
214.9 114.81
100DCF6B
12.31
6.06
1.78
6.74
10.06
7.52
312.7
153.9
45.2
171.2
255.5 191.01
100DCF10
11.50
6.30
2.52
5.70
8.46
4.52
292.1
160.0
64.0
144.78
214.9 114.81
100DCF10B
13.13
6.06
1.78
6.74
10.06
7.52
333.5
153.9
45.2
171.2
255.5 191.01
125DCB6(F)
10.31
5.06
1.78
4.50
8.06
1.25
261.9
128.5
45.2
114.3
204.7
31.75
125DCB6B(F)
12.31
6.06
1.78
5.50
10.06
1.25
312.7
153.9
45.2
139.7
255.5
31.75
125DCB10(F)
11.50
5.06
1.78
4.50
8.06
1.25
292.1
128.5
45.2
114.30
204.7
31.75
125DCB10B(F)
13.50
6.06
1.78
5.50
10.06
1.25
342.9
153.9
45.2
139.7
255.5
31.75
125DCF6
10.60
6.30
2.52
5.70
8.46
4.52
269.2
160.0
64.0
144.78
214.9 114.81
125DCF6B
12.31
6.06
1.78
6.74
10.06
7.52
312.7
153.9
45.2
171.2
255.5 191.01
125DCF10
11.86
6.30
2.52
5.70
8.46
4.52
301.2
160.0
64.0
144.78
214.9 114.81
125DCF10B
13.50
6.06
1.78
6.74
10.06
7.52
342.9
153.9
45.2
171.2
255.5 191.01
* ±.020 [±.51]
153
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
DC Series
CORCOM Product Guide
DCF10B (60 to 125 Amps)
B
A
C
D
E
F
L
I
N
E
L
O
A
D
Tapped insert: 6-32 (4)
Typical dimensions:
Mounting Slots: .260 x .39 [6.6 x 9.9] (4)
Case Dimensions
Part
A
B
C
D
E
F
Number
(max)
(max) (max)
*
(max)
*
15DCB6(F)
5.69
5.06
1.48
4.50
4.06
0.950
144.5
128.5
37.6
114.3
103.1
24.13
15DCB6B(F)
7.69
5.06
1.48
4.50
6.06
0.950
195.3
128.5
37.6
114.3
153.9
24.13
15DCB10(F)
5.06
5.06
1.48
4.50
4.06
0.950
128.5
128.5
37.6
114.3
103.1
24.13
15DCB10B(F)
7.06
5.06
1.48
4.50
6.06
0.950
179.3
128.5
37.6
114.3
153.9
24.13
15DCF6
5.33
3.10
1.78
2.677
3.70
2.00
135.4
78.7
45.2
68.0
94.0
50.80
15DCF6B(F)
7.69
5.06
1.48
5.740
6.06
3.52
195.3
128.5
37.6
145.8
153.9
89.41
15DCF10
4.75
3.10
1.78
2.677
3.70
2.0
120.7
78.7
45.2
68.0
94.0
50.8
15DCF10B(F)
7.06
5.06
1.48
5.740
6.06
3.520
179.3
128.5
37.6
145.80
153.9
89.41
30DCB6(F)
7.69
5.06
1.48
4.50
6.06
0.95
195.3
128.5
37.6
114.3
153.9
24.13
30DCB6B(F)
8.69
5.06
1.48
4.50
7.06
0.95
220.7
128.5
37.6
114.3
179.3
24.13
30DCB10(F)
7.06
5.06
1.48
4.50
6.06
0.95
179.3
128.5
37.6
114.3
153.9
24.13
30DCB10B(F)
8.06
5.06
1.48
4.50
7.06
0.95
204.7
128.5
37.6
114.3
179.3
24.13
30DCF6
6.19
3.96
2.18
3.50
4.56
2.00
157.2
100.6
55.4
88.9
115.8
50.8
30DCF6B
8.69
5.0
1.48
5.74
7.06
4.52
220.73
127.0
37.6
145.8
179.3 114.81
30DCF10
5.56
3.96
2.18
3.5
4.56
2.0
141.2
100.58
55.4
88.9
115.8
50.8
30DCF10B
8.06
5.06
1.48
5.74
7.06
4.52
204.7
128.52
37.6
145.8
179.3 114.81
60DCB6(F)
8.69
5.06
1.48
4.50
7.06
0.95
220.73
128.52
37.6
114.3
179.3
24.13
60DCB6B(F)
10.69
5.06
1.48
4.50
9.06
0.95
271.5
128.52
37.6
114.3
230.1
24.13
60DCF6
7.56
5.48
2.55
4.92
5.94
2.756
192.0
139.2
64.8
124.97
150.9
70.0
60DCF6B
10.69
5.06
1.48
5.74
9.06
6.52
271.5
128.52
37.6
145.8
230.1 165.61
Terminations
Style 6 (15, 30 & 60A)
Style 6 (100 & 125A)
Supplied with #10-32 redundant
Supplied with 1/4-20 redundant
studs - 0.625 [15.88] spacing like
studs - 0.750 [19.05] spacing like
polarity, 0.750 [19.05] spacing
polarity.1.000 [25.4] spacing
opposing polarity.
opposing polarity.
Torque Spec: 27±3 in-lb.
Torque Spec: 45±2 in-lb.
Style 10 (15 & 30A)
Style 10 (60A)
Phoenix Contact
Phoenix Contact
Part No. VDFK4
Part No. HDFK 16-VP
Accepts 12 AWG stranded wire
Accepts 6 AWG stranded wire
Wire Strip Length: 0.315 [8.0]
Wire Strip Length: 0.630 [16.0]
Torque Spec: 5.5 - 7.0 in-lb.
Torque Spec: 17.7 - 21.2 in-lb.
Ground Stud 8-32
Ground Stud 10-32
Style 10 (100A)
Style 10 (125A)
Phoenix Contact
Phoenix Contact
Part No. HDFK 25-VP
Part No. HDFK-50-VP
Accepts 4 AWG stranded wire
Accepts 1 AWG stranded wire
Wire Strip Length: 0.748 [19.0]
Wire Strip Length: 0.945 [24.0]
Torque Spec: 35.4 - 39.9 in-lb.
Torque Spec: 35.4 - 39.9 in-lb.
Ground Stud 1/4 - 20
Ground Stud 1/4 - 20



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com