công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

30DCF6 bảng dữ liệu(PDF) 3 Page - Tyco Electronics

tên linh kiện 30DCF6
Giải thích chi tiết về linh kiện  RFI Power Line Filters for DC Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

30DCF6 bảng dữ liệu(HTML) 3 Page - Tyco Electronics

  30DCF6 Datasheet HTML 1Page - Tyco Electronics 30DCF6 Datasheet HTML 2Page - Tyco Electronics 30DCF6 Datasheet HTML 3Page - Tyco Electronics 30DCF6 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RFI Power Line Filters for DC Applications (Continued)
Case Styles
DCF10 (15 & 30 Amp)
F
D
A
C
B
E
L
I
N
E
L
O
A
D
-VDC
RTN
-VDC
RTN
Tapped insert: 6-32 (4)
A
D
E
F
C
B
L
I
N
E
L
O
A
D
RTN
-VDC
RTN
-VDC
Note: Delete circuit breaker for DCB10 models.
Typical dimensions:
Mounting Holes: .156 x .203 [4.0 x 5.2] Dia. (4)
DCF10B (15 & 30 Amp)
B
A
C
D
E
F
-VDC
RTN
-VDC
RTN
L
I
N
E
L
O
A
D
Tapped insert: 6-32 (4)
Typical dimensions:
Mounting Slots: .260 x .39 [6.6 x 9.9] (4)
DCB6 & DCB6B
F
D
B
A
E
C
L
I
N
E
L
O
A
D
-VDC
RTN
VDC
VDC
RTN
RTN
-VDC
RTN
Tapped insert: 6-32 (4)
Note: Delete circuit breaker for DCB6 models.
DCF6B
DCB10 & DCB10B (15 & 30 Amp)
B
A
C
D
E
F
L
I
N
E
L
O
A
D
-VDC
RTN
-VDC
RTN
Tapped insert: 6-32 (4)
Typical dimensions:
Mounting Slots: .260 x .39 [6.6 x 9.9] (4)
DCF6
A
D
E
F
C
B
L
I
N
E
L
O
A
D
Typical dimensions:
Mounting Slots: .260 x .39 [6.6 x 9.9] (4)
Mounting Holes: .203x.156 [5.2 x 4.0] (4)
Note: 15A & 30A versions come with mounting holes in place of mounting slots.
DCB10 & DCB10B (60 to 125 Amp)
F
D
A
C
B
E
L
I
N
E
L
O
A
D
Tapped insert: 6-32 (4)
Note: Delete circuit breaker for DCB10 models
152
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
DC Series
CORCOM Product Guide
DCF10 (60 to 126 Amps)
A
D
E
F
C
B
L
I
N
E
L
O
A
D
RTN
-VDC
RTN
-VDC
Typical dimensions:
Mounting Slots: .260 x .39 [6.6 x 9.9] (4)



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com