công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5281IPFPRG4 bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện ADS5281IPFPRG4
Giải thích chi tiết về linh kiện  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPRG4 bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button ADS5281IPFPRG4 Datasheet HTML 16Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 17Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 19Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 20Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 21Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 22Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 23Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
www.ti.com
LOW-FREQUENCY NOISE SUPPRESSION MODE
ANALOG INPUT INVERT
LVDS TEST PATTERNS
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
14
X
X
X
X
X
X
X
X
LFNS_CH<8:1>
The low-frequency noise suppression mode is specifically useful in applications where good noise performance is
desired in the frequency band of 0MHz to 1MHz (around dc). Setting this mode shifts the low-frequency noise of
the ADS528x to approximately fS/2, thereby moving the noise floor around dc to a much lower value.
LFNS_CH<8:1> enables this mode individually for each channel.
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
24
X
X
X
X
X
X
X
X
INVERT_CH<8:1>
Normally, the INP pin represents the positive analog input pin, and INN represents the complementary negative
input. Setting the bits marked INVERT_CH<8:1> (individual control for each channel) causes the inputs to be
swapped. INN now represents the positive input, and INP the negative input.
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
X
0
0
EN_RAMP
0
X
0
DUALCUSTOM_PAT
25
0
0
X
SINGLE_CUSTOM_PAT
X
X
BITS_CUSTOM1<11:10>
X
X
BITS_CUSTOM2<11:10>
26
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM1<9:0>
27
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM2<9:0>
0
X
PAT_DESKEW
45
X
0
PAT_SYNC
The ADS528x can output a variety of test patterns on the LVDS outputs. These test patterns replace the normal
ADC data output. Setting EN_RAMP to '1' causes all the channels to output a repeating full-scale ramp pattern.
The ramp increments from zero code to full-scale code in steps of 1LSB every clock cycle. After hitting the
full-scale code, it returns back to zero code and ramps again.
The device can also be programmed to output a constant code by setting SINGLE_CUSTOM_PAT to '1', and
programming the desired code in BITS_CUSTOM1<11:0>. In this mode, BITS_CUSTOM1<11:0> take the place
of the 12-bit ADC data at the output, and are controlled by LSB-first and MSB-first modes in the same way as
normal ADC data are.
The device may also be made to toggle between two consecutive codes by programming DUAL_CUSTOM_PAT
to '1'. The two codes are represented by the contents of BITS_CUSTOM1<11:0> and BITS_CUSTOM2<11:0>.
In addition to custom patterns, the device may also be made to output two preset patterns:
1. Deskew patten: Set using PAT_DESKEW, this mode replaces the 12-bit ADC output D<11:0> with the
010101010101 word.
2. Sync pattern: Set using PAT_SYNC, the normal ADC word is replaced by a fixed 111111000000 word.
Note that only one of the above patterns should be active at any given instant.
20
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com