công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5281IPFPRG4 bảng dữ liệu(PDF) 35 Page - Texas Instruments

tên linh kiện ADS5281IPFPRG4
Giải thích chi tiết về linh kiện  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPRG4 bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button ADS5281IPFPRG4 Datasheet HTML 31Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 32Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 33Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 34Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 35Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 36Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 37Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 38Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
www.ti.com
NOISE COUPLING ISSUES
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
Table 7. State of Reference Voltages for Various Combinations of PD, INT/EXT, and EXT_REF_VCM
REGISTER BIT
INTERNAL BUFFER STATE
PD
0
0
1
1
0
0
1
1
INT/EXT
0
1
0
1
0
1
0
1
EXT_REF_VCM
0
0
0
0
1
1
1
1
REFT buffer
3-state
2.5V
3-state
2.5V(1)
1.5V + VCM/1.5V
Do not use
2.5V(1)
Do not use
REFB buffer
3-state
0.5V
3-state
0.5V(1)
1.5V – VCM/1.5V
Do not use
0.5V(1)
Do not use
VCM pin
1.5V
1.5V
1.5V
1.5V
Force
Do not use
Force
Do not use
(1)
Weakly forced with reduced strength.
Smaller effective inductance of the supply and ground
pins leads to better noise suppression. For this
reason, multiple pins are used to drive each supply
High-speed mixed signals are sensitive to various
and ground. It is also critical to ensure that the
types of noise coupling. One primary source of noise
impedances of the supply and ground lines on the
is the switching noise from the serializer and the
board are kept to the minimum possible values. Use
output buffers. Maximum care is taken to isolate
of ground planes in the printed circuit board (PCB) as
these noise sources from the sensitive analog blocks.
well as large decoupling capacitors between the
As a starting point, the analog and digital domains of
supply and ground lines are necessary to obtain the
the device are clearly demarcated. AVDD and AVSS
best possible SNR performance from the device.
are used to denote the supplies for the analog
It is recommended that the isolation be maintained on
sections, while LVDD and LVSS are used to denote
the board by using separate supplies to drive AVDD
the digital supplies. Care is taken to ensure that there
and LVDD, as well as separate ground planes for
is minimal interaction between the supply sets within
AVSS and LVSS. The use of LVDS buffers reduces
the
device.
The
extent
of
noise
coupled
and
the injected noise considerably, compared to CMOS
transmitted from the digital to the analog sections
buffers.
The
current
in
the
LVDS
buffer
is
depends on:
independent of the direction of switching. Also, the
1. The effective inductances of each of the supply
low output swing as well as the differential nature of
and ground sets.
the LVDS buffer results in low-noise coupling.
2. The isolation between the digital and analog
supply and ground sets.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com