| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
dsPIC30F2011 bảng dữ liệu(PDF) 61 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC30F2011 bảng dữ liệu(HTML) 61 Page - Microchip Technology |
|
61 / 206 page ![]() TABLE 7-1: PORTB REGISTER MAP FOR dsPIC30F2011/3012 TABLE 7-2: PORTB REGISTER MAP FOR dsPIC30F2012/3013 TABLE 7-3: PORTC REGISTER MAP FOR dsPIC30F2011/2012/3012/3013 TABLE 7-4: PORTD REGISTER MAP FOR dsPIC30F2011/3012 SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State TRISB 02C6 — — — — — — — — TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 0000 0000 1111 1111 PORTB 02C8 — — — — — — — — RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0 0000 0000 0000 0000 LATB 02CB — — — — — — — — LATB7 LATB6 LATB5 LATB4 LATB3 LATB2 LATB1 LATB0 0000 0000 0000 0000 Legend: — = unimplemented bit, read as ‘0’ SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State TRISB 02C6 — — — — — — TRISB9 TRISB8 TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 0000 0011 1111 1111 PORTB 02C8 — — — — — — RB9 RB8 RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0 0000 0000 0000 0000 LATB 02CB — — — — — — LATB9 LATB8 LATB7 LATB6 LATB5 LATB4 LATB3 LATB2 LATB1 LATB0 0000 0000 0000 0000 Legend: — = unimplemented bit, read as ‘0’ SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State TRISC 02CC TRISC15 TRISC14 TRISC13 — — — — — — — — — — — — — 1110 0000 0000 0000 PORTC 02CE RC15 RC14 RC13 — — — — — — — — — — — — — 0000 0000 0000 0000 LATC 02D0 LATC15 LATC14 LATC13 — — — — — — — — — — — — — 0000 0000 0000 0000 Legend: — = unimplemented bit, read as ‘0’ SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State TRISD 02D2 — — — — — — — — — — — — — — —TRISD0 0000 0000 0000 0001 PORTD 02D4 — — — — — — — — — — — — — — — RD0 0000 0000 0000 0000 LATD 02D6 — — — — — — — — — — — — — — —LATD0 0000 0000 0000 0000 Legend: — = unimplemented bit, read as ‘0’ |