| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722-E/ML bảng dữ liệu(PDF) 162 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/ML bảng dữ liệu(HTML) 162 Page - Microchip Technology |
|
162 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 162 © 2009 Microchip Technology Inc. FIGURE 16-8: SYNCHRONOUS RECEPTION (MASTER MODE, SREN) TABLE 16-7: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER RECEPTION Name Bit 7 Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0 Value on POR, BOR Value on all other Resets INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 0000 000x 0000 000x PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 PIR1 TMR1GIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 RCREG AUSART Receive Data Register 0000 0000 0000 0000 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000X 0000 000X TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 TXSTA CSRC TX9 TXEN SYNC —BRGH TRMT TX9D 0000 -010 0000 -010 Legend: x = unknown, - = unimplemented read as ‘0’. Shaded cells are not used for Synchronous Master Reception. CREN bit RX/DT Write to bit SREN SREN bit RCIF bit (Interrupt) Read RCREG ‘0’ bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 ‘0’ Note: Timing diagram demonstrates Synchronous Master mode with bit SREN = 1 and bit BRGH = 0. TX/CK pin pin |