| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722-E/ML bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/ML bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 302 page ![]() © 2009 Microchip Technology Inc. DS41341E-page 15 PIC16F72X/PIC16LF72X FIGURE 1-2: PIC16F724/727/PIC16LF724/727 BLOCK DIAGRAM 13 Data Bus 8 14 Program Bus Instruction reg Program Counter 8 Level Stack (13-bit) Direct Addr 7 RAM Addr 9 Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT PORTA PORTB PORTC PORTD PORTE RA4 RA5 RC0 RC1 RC2 RC3 RC4 RC5 RC6 RC7 RE0 RE1 RE2 8 8 AUSART Timer0 Timer1 Timer2 RA3 RA1 RA0 8 3 RA6 RA7 RD0 RD1 RD2 RD3 RD4 RD5 RD6 RD7 RB0 RB1 RB2 RB3 RB4 RB5 RB7 AN6 AN0 AN1 AN2 AN3 AN4 AN5 AN7 Synchronous SDA SCL SS SDO Serial Port SDI/ SCK/ TX/CK RX/DT Internal Oscillator Block Configuration 13 Data Bus 8 14 Program Bus Instruction reg Program Counter 8 Level Stack (13-bit) Direct Addr 7 RAM Addr Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU W Reg Instruction Decode & Control Timing Generation PORTB PORTC PORTD PORTE RC1 8 8 AUSART Timer0 Timer1 Timer2 8 3 Synchronous SDA SCL SS SDO Serial Port SDI/ SCK/ Internal Oscillator Block Configuration 13 Data Bus 8 14 Program Bus Instruction Reg Program Counter 8 Level Stack (13-bit) Direct Addr 7 RAM Addr Addr MUX Indirect Addr FSR Reg STATUS Reg MUX ALU Instruction Decode and Control Timing Generation PORTB PORTC PORTD PORTE RC1 8 8 AUSART Timer0 Timer1 Timer2 8 3 Analog-To-Digital Converter RB6 Synchronous SDA SCL SS SDO Serial Port SDI/ SCK/ Internal Oscillator Block Configuration RE3 CCP2 CCP2 CCP1 CCP1 VREF RA2 AN9 AN8 AN10 AN11 AN12 AN13 Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VDD Brown-out Reset VSS T0CKI T1G T1CKI Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VDD Brown-out Reset VSS T0CKI T1CKI Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VDD Brown-out Reset VSS T0CKI T1CKI Timer1 32 kHz Oscillator T1OSI T1OSO LDO(1) Regulator Note 1: PIC16F724/727 only. Capacitive Sensing Module CPS6 CPS0 CPS1 CPS2 CPS3 CPS4 CPS7 CPS8 CPS9 CPS10 CPS11 CPS12 CPS13 CPS14 CPS15 CPS5 Flash Program Memory RAM |