| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722AT-E/SS bảng dữ liệu(PDF) 170 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-E/SS bảng dữ liệu(HTML) 170 Page - Microchip Technology |
|
170 / 284 page ![]() PIC16F/LF722A/723A DS41417A-page 170 2010 Microchip Technology Inc. 17.2.6 TRANSMISSION When the R/W bit of the received address byte is set and an address match occurs, the R/W bit of the SSPSTAT register is set and the slave will respond to the master by reading out data. After the address match, an ACK pulse is generated by the slave hardware and the SCL pin is held low (clock is automatically stretched) until the slave is ready to respond. See Section 17.2.7 “Clock Stretching”. The data the slave will transmit must be loaded into the SSPBUF register, which sets the BF bit. The SCL line is released by setting the CKP bit of the SSPCON register. An SSP interrupt is generated for each transferred data byte. The SSPIF flag bit of the PIR1 register initiates an SSP interrupt, and must be cleared by software before the next byte is transmitted. The BF bit of the SSPSTAT register is cleared on the falling edge of the 8th received clock pulse. The SSPIF flag bit is set on the falling edge of the ninth clock pulse. Following the 8th falling clock edge, control of the SDA line is released back to the master so that the master can acknowledge or not acknowledge the response. If the master sends a not acknowledge, the slave’s transmission is complete and the slave must monitor for the next Start condition. If the master acknowledges, control of the bus is returned to the slave to transmit another byte of data. Just as with the previous byte, the clock is stretched by the slave, data must be loaded into the SSPBUF and CKP must be set to release the clock line (SCL). FIGURE 17-12: I2C WAVEFORMS FOR TRANSMISSION (7-BIT ADDRESS) SDA SCL SSPIF BF CKP A7 A6 A5 A4 A3 A2 A1 ACK D7 D6 D5 D4 D3 D2 D1 D0 ACK Transmitting Data R/W Receiving Address 1 2 3 4 567 89 1 2 3 4 5 6 7 8 9 P Cleared in software Set bit after writing to SSPBUF S Data in sampled SCL held low while CPU responds to SSPIF (the SSPBUF must be written to before the CKP bit can be set) Dummy read of SSPBUF to clear BF flag SSPBUF is written in software From SSP Interrupt Service Routine |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |