công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F722AT-E/SS bảng dữ liệu(PDF) 166 Page - Microchip Technology

tên linh kiện PIC16F722AT-E/SS
Giải thích chi tiết về linh kiện  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-E/SS bảng dữ liệu(HTML) 166 Page - Microchip Technology

Back Button PIC16F722AT-E/SS Datasheet HTML 162Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 163Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 164Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 165Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 166Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 167Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 168Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 169Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 284 page
background image
PIC16F/LF722A/723A
DS41417A-page 166
 2010 Microchip Technology Inc.
17.2.2
START AND STOP CONDITIONS
During times of no data transfer (Idle time), both the
clock line (SCL) and the data line (SDA) are pulled high
through external pull-up resistors. The Start and Stop
conditions determine the start and stop of data trans-
mission. The Start condition is defined as a high-to-low
transition of the SDA line while SCL is high. The Stop
condition is defined as a low-to-high transition of the
SDA line while SCL is high.
Figure 17-9 shows the Start and Stop conditions. A
master device generates these conditions for starting
and terminating data transfer. Due to the definition of
the Start and Stop conditions, when data is being trans-
mitted, the SDA line can only change state when the
SCL line is low.
FIGURE 17-9:
START AND STOP CONDITIONS
17.2.3
ACKNOWLEDGE
After the valid reception of an address or data byte, the
hardware automatically will generate the Acknowledge
(ACK) pulse and load the SSPBUF register with the
received value currently in the SSPSR register. There
are certain conditions that will cause the SSP module
not to generate this ACK pulse. They include any or all
of the following:
• The Buffer Full bit, BF of the SSPSTAT register,
was set before the transfer was received.
• The SSP Overflow bit, SSPOV of the SSPCON
register, was set before the transfer was received.
• The SSP module is being operated in Firmware
Master mode.
In such a case, the SSPSR register value is not loaded
into the SSPBUF, but bit SSPIF of the PIR1 register is
set. Table 17-2 shows the results of when a data
transfer byte is received, given the status of bits BF and
SSPOV. Flag bit BF is cleared by reading the SSPBUF
register, while bit SSPOV is cleared through software.
TABLE 17-2:
DATA TRANSFER RECEIVED BYTE ACTIONS
SDA
SCL
P
Stop
Condition
S
Start
Condition
Change of
Data Allowed
Change of
Data Allowed
Status Bits as Data
Transfer is Received
SSPSR
 SSPBUF
Generate ACK
Pulse
Set bit SSPIF
(SSP Interrupt occurs
if enabled)
BF
SSPOV
00
Yes
Yes
Yes
10
No
No
Yes
11
No
No
Yes
0
1
No
No
Yes
Note 1:
Shaded cells show the conditions where the user software did not properly clear the overflow condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com