công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F722AT-E/SS bảng dữ liệu(PDF) 168 Page - Microchip Technology

tên linh kiện PIC16F722AT-E/SS
Giải thích chi tiết về linh kiện  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-E/SS bảng dữ liệu(HTML) 168 Page - Microchip Technology

Back Button PIC16F722AT-E/SS Datasheet HTML 164Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 165Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 166Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 167Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 168Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 169Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 170Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 171Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 284 page
background image
PIC16F/LF722A/723A
DS41417A-page 168
 2010 Microchip Technology Inc.
17.2.5
RECEPTION
When the R/W bit of the received address byte is clear,
the master will write data to the slave. If an address
match occurs, the received address is loaded into the
SSPBUF register. An address byte overflow will occur
if that loaded address is not read from the SSPBUF
before the next complete byte is received.
An SSP interrupt is generated for each data transfer byte.
The BF, R/W and D/A bits of the SSPSTAT register are
used to determine the status of the last received byte.
FIGURE 17-10:
I2C™ WAVEFORMS FOR RECEPTION (7-BIT ADDRESS)
P
9
8
7
6
5
D0
D1
D2
D3
D4
D5
D6
D7
S
A7 A6 A5 A4 A3 A2 A1
SDA
SCL
1
2
34
5
6
7
8
91
2
3
4
56
7
89
12
34
Bus Master
sends Stop
condition
Bit SSPOV is set because the SSPBUF register is still full.
Cleared in software
SSPBUF register is read
ACK
Receiving Data
Receiving Data
D0
D1
D2
D3
D4
D5
D6
D7
ACK
R/W = 0
Receiving Address
SSPIF
BF
SSPOV
ACK
ACK is not sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com