| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722AT-I/SS bảng dữ liệu(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-I/SS bảng dữ liệu(HTML) 12 Page - Microchip Technology |
|
12 / 284 page ![]() PIC16F/LF722A/723A DS41417A-page 12 2010 Microchip Technology Inc. RB4/AN11/CPS4 RB4 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN11 AN — A/D Channel 11 input. CPS4 AN — Capacitive sensing input 4. RB5/AN13/CPS5/T1G RB5 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN13 AN — A/D Channel 13 input. CPS5 AN — Capacitive sensing input 5. T1G ST — Timer1 gate input. RB6/ICSPCLK/ICDCLK RB6 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPCLK ST — Serial Programming Clock. ICDCLK ST — In-Circuit Debug Clock. RB7/ICSPDAT/ICDDAT RB7 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPDAT ST CMOS ICSP™ Data I/O. ICDDAT ST — In-Circuit Data I/O. RC0/T1OSO/T1CKI RC0 ST CMOS General purpose I/O. T1OSO XTAL XTAL Timer1 oscillator connection. T1CKI ST — Timer1 clock input. RC1/T1OSI/CCP2 RC1 ST CMOS General purpose I/O. T1OSI XTAL XTAL Timer1 oscillator connection. CCP2 ST CMOS Capture/Compare/PWM2. RC2/CCP1 RC2 ST CMOS General purpose I/O. CCP1 ST CMOS Capture/Compare/PWM1. RC3/SCK/SCL RC3 ST CMOS General purpose I/O. SCK ST CMOS SPI clock. SCL I2C™ OD I2C™ clock. RC4/SDI/SDA RC4 ST CMOS General purpose I/O. SDI ST — SPI data input. SDA I2C™ OD I2C™ data input/output. RC5/SDO RC5 ST CMOS General purpose I/O. SDO — CMOS SPI data output. RC6/TX/CK RC6 ST CMOS General purpose I/O. TX — CMOS USART asynchronous transmit. CK ST CMOS USART synchronous clock. RC7/RX/DT RC7 ST CMOS General purpose I/O. RX ST — USART asynchronous input. DT ST CMOS USART synchronous data. RE3/MCLR/VPP RE3 TTL — General purpose input. MCLR ST — Master Clear with internal pull-up. VPP HV — Programming voltage. VDD VDD Power — Positive supply. VSS VSS Power — Ground reference. TABLE 1-1: PIC16F722A/723A PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™= Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |