| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722AT-I/SS bảng dữ liệu(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-I/SS bảng dữ liệu(HTML) 75 Page - Microchip Technology |
|
75 / 284 page ![]() 2010 Microchip Technology Inc. DS41417A-page 75 PIC16F/LF722A/723A 6.5.1 RE3/MCLR/VPP Figure 6-21 shows the diagram for this pin. This pin is configurable to function as one of the following: • General purpose input • Master Clear Reset with weak pull-up • Programming voltage reference input FIGURE 6-21: BLOCK DIAGRAM OF RE3 I/O Pin VSS RD RD Data Bus TRISE PORTE VSS High-Voltage Detect In-Circuit Serial Programming™ Mode Pulse Filter MCLR MCLR Circuit Power for Programming Flash VDD Weak ICSP™ Mode Detect |