công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F722AT-I/SS bảng dữ liệu(PDF) 119 Page - Microchip Technology

tên linh kiện PIC16F722AT-I/SS
Giải thích chi tiết về linh kiện  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-I/SS bảng dữ liệu(HTML) 119 Page - Microchip Technology

Back Button PIC16F722AT-I/SS Datasheet HTML 115Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 116Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 117Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 118Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 119Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 120Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 121Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 122Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 284 page
background image
 2010 Microchip Technology Inc.
DS41417A-page 119
PIC16F/LF722A/723A
14.5
Software Control
The software portion of the capacitive sensing module
is required to determine the change in frequency of the
capacitive sensing oscillator. This is accomplished by
the following:
• Setting a fixed time base to acquire counts on
Timer0 or Timer1
• Establishing the nominal frequency for the
capacitive sensing oscillator
• Establishing the reduced frequency for the
capacitive sensing oscillator due to an additional
capacitive load
• Set the frequency threshold
14.5.1
NOMINAL FREQUENCY
(NO CAPACITIVE LOAD)
To determine the nominal frequency of the capacitive
sensing oscillator:
• Remove any extra capacitive load on the selected
CPSx pin
• At the start of the fixed time base, clear the timer
resource
• At the end of the fixed time base save the value in
the timer resource
The value of the timer resource is the number of
oscillations of the capacitive sensing oscillator for the
given time base. The frequency of the capacitive
sensing oscillator is equal to the number of counts on
in the timer divided by the period of the fixed time base.
14.5.2
REDUCED FREQUENCY
(ADDITIONAL CAPACITIVE LOAD)
The extra capacitive load will cause the frequency of the
capacitive sensing oscillator to decrease. To determine
the reduced frequency of the capacitive sensing
oscillator:
• Add a typical capacitive load on the selected
CPSx pin
• Use the same fixed time base as the nominal
frequency measurement
• At the start of the fixed time base, clear the timer
resource
• At the end of the fixed time base save the value in
the timer resource
The value of the timer resource is the number of oscil-
lations of the capacitive sensing oscillator with an addi-
tional capacitive load. The frequency of the capacitive
sensing oscillator is equal to the number of counts on
in the timer divided by the period of the fixed time base.
This frequency should be less than the value obtained
during the nominal frequency measurement.
14.5.3
FREQUENCY THRESHOLD
The frequency threshold should be placed midway
between the value of nominal frequency and the
reduced frequency of the capacitive sensing oscillator.
Refer to Application Note AN1103, “Software Handling
for Capacitive Sensing” (DS01103) for more detailed
information the software required for capacitive
sensing module.
Note:
For more information on general capacitive
sensing refer to Application Notes:
•AN1101, “Introduction to Capacitive
Sensing” (DS01101)
•AN1102, “Layout and Physical Design
Guidelines for Capacitive Sensing”
(DS01102)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com