công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F722A-E/SP bảng dữ liệu(PDF) 19 Page - Microchip Technology

tên linh kiện PIC16F722A-E/SP
Giải thích chi tiết về linh kiện  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722A-E/SP bảng dữ liệu(HTML) 19 Page - Microchip Technology

Back Button PIC16F722A-E/SP Datasheet HTML 15Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 16Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 17Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 18Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 19Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 20Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 21Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 22Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 284 page
background image
 2010 Microchip Technology Inc.
DS41417A-page 19
PIC16F/LF722A/723A
TABLE 2-1:
PIC16F/LF722A/723A SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Page
Bank 0
00h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
26,34
01h
TMR0
Timer0 Module Register
xxxx xxxx
99,34
02h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
25,34
03h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
22,34
04h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
26,34
05h
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx xxxx
48,34
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
57,34
07h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
67,34
09h
PORTE
—
—
—
—RE3
—
—
—
---- xxxx
74,34
0Ah(1, 2)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
25,34
0Bh(2)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
40,34
0Ch
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
43,34
0Dh
PIR2
—
—
—
—
—
—
—
CCP2IF
---- ---0
44,34
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
108,34
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
108,34
10h
T1CON
TMR1CS1 TMR1CS0 T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
—TMR1ON
0000 00-0
112,34
11h
TMR2
Timer2 Module Register
0000 0000
115,34
12h
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1 T2CKPS0 -000 0000
116,34
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
157,34
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
174,34
15h
CCPR1L
Capture/Compare/PWM Register (LSB)
xxxx xxxx
125,34
16h
CCPR1H
Capture/Compare/PWM Register (MSB)
xxxx xxxx
125,34
17h
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
124,34
18h
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
143,34
19h
TXREG
USART Transmit Data Register
0000 0000
142,34
1Ah
RCREG
USART Receive Data Register
0000 0000
140,34
1Bh
CCPR2L
Capture/Compare/PWM Register 2 (LSB)
xxxx xxxx
125,34
1Ch
CCPR2H
Capture/Compare/PWM Register 2 (MSB)
xxxx xxxx
125,34
1Dh
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
124,34
1Eh
ADRES
A/D Result Register
xxxx xxxx
93,34
1Fh
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
92,34
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Accessible only when SSPM<3:0> = 1001.
4:
Accessible only when SSPM<3:0>
 1001.
5:
This bit is always ‘1’ as RE3 is input only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More