công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F722A-E/SP bảng dữ liệu(PDF) 73 Page - Microchip Technology

tên linh kiện PIC16F722A-E/SP
Giải thích chi tiết về linh kiện  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722A-E/SP bảng dữ liệu(HTML) 73 Page - Microchip Technology

Back Button PIC16F722A-E/SP Datasheet HTML 69Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 70Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 71Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 72Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 73Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 74Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 75Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 76Page - Microchip Technology PIC16F722A-E/SP Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 284 page
background image
 2010 Microchip Technology Inc.
DS41417A-page 73
PIC16F/LF722A/723A
TABLE 6-3:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
APFCON
—
—
—
—
—
—
SSSEL
CCP2SEL
---- --00
---- --00
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
--00 0000
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
--00 0000
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
xxxx xxxx
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
0000 0000
SSPSTAT
SMP
CKE
D/A
P
S
R/W
UA
BF
0000 0000
0000 0000
T1CON
TMR1CS1
TMR1CS0
T1CKPS1 T1CKPS0 T1OSCEN
T1SYNC
—
TMR1ON
0000 00
-0 uuuu uu-u
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
0000 -010
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
Legend:
x = unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More