| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F630-E/P bảng dữ liệu(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F630-E/P bảng dữ liệu(HTML) 9 Page - Microchip Technology |
|
9 / 132 page ![]() 2010 Microchip Technology Inc. DS40039F-page 9 PIC16F630/676 2.0 MEMORY ORGANIZATION 2.1 Program Memory Organization The PIC16F630/676 devices have a 13-bit program counter capable of addressing an 8K x 14 program memory space. Only the first 1K x 14 (0000h-03FFh) for the PIC16F630/676 devices is physically imple- mented. Accessing a location above these boundaries will cause a wrap around within the first 1K x 14 space. The Reset vector is at 0000h and the interrupt vector is at 0004h (see Figure 2-1). FIGURE 2-1: PROGRAM MEMORY MAP AND STACK FOR THE PIC16F630/676 2.2 Data Memory Organization The data memory (see Figure 2-2) is partitioned into two banks, which contain the General Purpose Regis- ters and the Special Function Registers. The Special Function Registers are located in the first 32 locations of each bank. Register locations 20h-5Fh are General Purpose Registers, implemented as static RAM and are mapped across both banks. All other RAM is unimplemented and returns ‘0’ when read. RP0 (STATUS<5>) is the bank select bit. •RP0 = 0 Bank 0 is selected •RP0 = 1 Bank 1 is selected 2.2.1 GENERAL PURPOSE REGISTER FILE The register file is organized as 64 x 8 in the PIC16F630/676 devices. Each register is accessed, either directly or indirectly, through the File Select Register FSR (see Section 2.4 “Indirect Addressing, INDF and FSR Registers”). PC<12:0> 13 000h 0004 0005 03FFh 0400h 1FFFh Stack Level 1 Stack Level 8 Reset Vector Interrupt Vector On-chip Program Memory CALL, RETURN RETFIE, RETLW Stack Level 2 Note: The IRP and RP1 bits STATUS<7:6> are reserved and should always be maintained as ‘0’s. |