công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F630-E/P bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện PIC16F630-E/P
Giải thích chi tiết về linh kiện  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F630-E/P bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button PIC16F630-E/P Datasheet HTML 4Page - Microchip Technology PIC16F630-E/P Datasheet HTML 5Page - Microchip Technology PIC16F630-E/P Datasheet HTML 6Page - Microchip Technology PIC16F630-E/P Datasheet HTML 7Page - Microchip Technology PIC16F630-E/P Datasheet HTML 8Page - Microchip Technology PIC16F630-E/P Datasheet HTML 9Page - Microchip Technology PIC16F630-E/P Datasheet HTML 10Page - Microchip Technology PIC16F630-E/P Datasheet HTML 11Page - Microchip Technology PIC16F630-E/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 132 page
background image
PIC16F630/676
DS40039F-page 8
 2010 Microchip Technology Inc.
TABLE 1-1:
PIC16F630/676 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/CIN+/ICSPDAT
RA0
TTL
CMOS
Bidirectional I/O w/ programmable pull-up and
interrupt-on-change.
AN0
AN
—
A/D Channel 0 input.
CIN+
AN
Comparator input.
ICSPDAT
TTL
CMOS
Serial Programming Data I/O.
RA1/AN1/CIN-/VREF/
ICSPCLK
RA1
TTL
CMOS
Bidirectional I/O w/ programmable pull-up and
interrupt-on-change.
AN1
AN
—
A/D Channel 1 input.
CIN-
AN
—
Comparator input.
VREF
AN
—
External Voltage reference.
ICSPCLK
ST
—
Serial Programming Clock.
RA2/AN2/COUT/T0CKI/INT
RA2
ST
CMOS
Bidirectional I/O w/ programmable pull-up and
interrupt-on-change.
AN2
AN
—
A/D Channel 2 input.
COUT
—
CMOS
Comparator output.
T0CKI
ST
—
Timer0 clock input.
INT
ST
—
External Interrupt.
RA3/MCLR/VPP
RA3
TTL
—
Input port with interrupt-on-change.
MCLR
ST
—
Master Clear.
VPP
HV
—
Programming voltage.
RA4/T1G/AN3/OSC2/
CLKOUT
RA4
TTL
CMOS
Bidirectional I/O w/ programmable pull-up and
interrupt-on-change.
T1G
ST
—
Timer1 gate.
AN3
AN3
—
A/D Channel 3 input.
OSC2
—
XTAL
Crystal/Resonator.
CLKOUT
—
CMOS
FOSC/4 output.
RA5/T1CKI/OSC1/CLKIN
RA5
TTL
CMOS
Bidirectional I/O w/ programmable pull-up and
interrupt-on-change.
T1CKI
ST
—
Timer1 clock.
OSC1
XTAL
—
Crystal/Resonator.
CLKIN
ST
—
External clock input/RC oscillator connection.
RC0/AN4
RC0
TTL
CMOS
Bidirectional I/O.
AN4
AN4
—
A/D Channel 4 input.
RC1/AN5
RC1
TTL
CMOS
Bidirectional I/O.
AN5
AN5
—
A/D Channel 5 input.
RC2/AN6
RC2
TTL
CMOS
Bidirectional I/O.
AN6
AN6
—
A/D Channel 6 input.
RC3/AN7
RC3
TTL
CMOS
Bidirectional I/O.
AN7
AN7
—
A/D Channel 7 input.
RC4
RC4
TTL
CMOS
Bidirectional I/O.
RC5
RC5
TTL
CMOS
Bidirectional I/O.
VSS
VSS
Power
—
Ground reference.
VDD
VDD
Power
—
Positive supply.
Legend:
Shade = PIC16F676 only
TTL = TTL input buffer
ST = Schmitt Trigger input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More