công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F526-I/ST bảng dữ liệu(PDF) 97 Page - Microchip Technology

tên linh kiện PIC16F526-I/ST
Giải thích chi tiết về linh kiện  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/ST bảng dữ liệu(HTML) 97 Page - Microchip Technology

Back Button PIC16F526-I/ST Datasheet HTML 93Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 94Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 95Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 96Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 97Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 98Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 99Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 100Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 97
PIC16F526
15.0 DC AND AC CHARACTERISTICS GRAPHS AND CHARTS
The graphs and tables provided in this section are for design guidance and are not tested.
In some graphs or tables, the data presented are outside specified operating range (i.e., outside specified VDD
range). This is for information only and devices are ensured to operate properly only within the specified range
“Typical” represents the mean of the distribution at 25
C. “Maximum” or “minimum” represents (mean + 3) or (mean -
3
) respectively, where s is a standard deviation, over each temperature range.
FIGURE 15-1:
IDD VS. FOSC Over VDD (HS Mode)
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
3.00
2.50
2.00
1.50
1.00
0.50
0.00
5
10
15
20
25
Max. 5V
Typical 5V
Max. 2V
Typical 2V
Fosc (MHz)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com