công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F526-I/ST bảng dữ liệu(PDF) 56 Page - Microchip Technology

tên linh kiện PIC16F526-I/ST
Giải thích chi tiết về linh kiện  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/ST bảng dữ liệu(HTML) 56 Page - Microchip Technology

Back Button PIC16F526-I/ST Datasheet HTML 52Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 53Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 54Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 55Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 56Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 57Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 58Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 59Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 122 page
background image
PIC16F526
DS41326D-page 56
 2010 Microchip Technology Inc.
8.9
Power-down Mode (Sleep)
A device may be powered down (Sleep) and later
powered up (wake-up from Sleep).
8.9.1
SLEEP
The Power-Down mode is entered by executing a
SLEEP instruction.
If enabled, the Watchdog Timer will be cleared but
keeps running, the TO bit of the STATUS register is set,
the PD bit of the STATUS register is cleared and the
oscillator driver is turned off. The I/O ports maintain the
status they had before the SLEEP instruction was exe-
cuted (driving high, driving low or high-impedance).
For lowest current consumption while powered down,
the T0CKI input should be at VDD or VSS and the RB3/
MCLR/VPP pin must be at a logic high level if MCLR is
enabled.
8.9.2
WAKE-UP FROM SLEEP
The device can wake-up from Sleep through one of
the following events:
1.
An external Reset input on RB3/MCLR/VPP pin,
when configured as MCLR.
2.
A Watchdog Timer Time-out Reset (if WDT was
enabled).
3.
A change on input pin RB0, RB1, RB3 or RB4
when wake-up on change is enabled.
4.
A change in one of the comparator output bits,
C1OUT or C2OUT (if comparator wake-up is
enabled).
These events cause a device Reset. The TO, PD and
CWUF/RBWUF bits can be used to determine the
cause of device Reset. The TO bit is cleared if a WDT
time-out occurred (and caused wake-up). The PD bit,
which is set on power-up, is cleared when SLEEP is
invoked. The CWUF bit indicates a change in a com-
parator output state while the device was in Sleep. The
RBWUF bit indicates a change in state while in Sleep
at pins RB0, RB1, RB3 or RB4 (since the last file or bit
operation on RB port).
The WDT is cleared when the device wakes from
Sleep, regardless of the wake-up source.
Note:
A Reset generated by a WDT time-out
does not drive the MCLR pin low.
Note:
Caution: Right before entering Sleep,
read the input pins. When in Sleep,
wake-up occurs when the values at the
pins change from the state they were in at
the last reading. If a wake-up on change
occurs and the pins are not read before
re-entering Sleep, a wake-up will occur
immediately even if no pins change while
in Sleep mode.
Note:
Caution: Right before entering Sleep,
read
the
comparator
Configuration
register(s) CM1CON0 and CM2CON0.
When in Sleep, wake-up occurs when the
comparator output bit C1OUT and C2OUT
change from the state they were in at the
last reading. If a wake-up on comparator
change occurs and the pins are not read
before re-entering Sleep, a wake-up will
occur immediately, even if no pins change
while in Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com