| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1020T-I/ML bảng dữ liệu(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1020T-I/ML bảng dữ liệu(HTML) 33 Page - Microchip Technology |
|
33 / 37 page ![]() © 2009 Microchip Technology, Inc. DS41393A-Page 29 9 ELECTRICAL SPECIFICATIONS 9.1 Absolute Maximum Ratings(†) Ambient temperature under bias..........................................................................................................-40° to +125°C Storage temperature ........................................................................................................................ -65°C to +150°C Voltage on VDD with respect to VSS .................................................................................................. -0.3V to +6.5V Voltage on all other pins with respect to VSS .......................................................................... -0.3V to (VDD + 0.3V) Total power dissipation …..............................................................................................................................800 mW Maximum current out of VSS pin ................................................................................................................... 300 mA Maximum current into VDD pin ...................................................................................................................... 250 mA Input clamp current (VI < 0 or VI > VDD)........................................................................................................± 20 mA Maximum output current sunk by any I/O pin.................................................................................................... 25 mA Maximum output current sourced by any I/O pin .............................................................................................. 25 mA † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. This device is sensitive to ESD damage and must be handled appropriately. Failure to properly handle and protect the device in an application may cause partial to complete failure of the device. |