| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1020T-I/ML bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1020T-I/ML bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 37 page ![]() DS41393A-Page 18 © 2009 Microchip Technology, Inc. 7.14 Command Response A received command will be responded to as follows. <Header><DataSize><Response><Command><Data>…<Data> <Header> is defined as a value of 0x55 and is used to mark the beginning of the response packet. <DataSize> is the number of bytes being sent in the response packet, after <DataSize>. <Response> is a returned status to the received command. Value Description 0x00 Success 0x01 Unrecognized Command 0x03 Unrecognized Header 0x04 Command Timeout (entire command not received within 100ms) 0xFC Calibration Cancel <Command> is a confirmation of the command being responded to. <Data> represent from zero to eight bytes of returned data. 7.15 Commands Command Value Command Description 0x12 Enable Touch 0x13 Disable Touch 0x14 Calibrate Mode 0x20 Register Read 0x21 Register Write 0x22 Register Start Address Request 0x23 Registers Write to Eeprom 0x28 EEPROM Read 0x29 EEPROM Write 0x2B EEPROM Write to Registers Table 9 : Command Set Summary 7.15.1 Enable Touch - 0x12 Controller will send touch coordinate reports for valid touch conditions. Send : <0x55><0x01><0x12> Receive : <0x55><0x02><Response><0x12> 7.15.2 Disable Touch - 0x13 Controller will not send any touch coordinate reports. A touch will, however, still wake up the controller if asleep. Send : <0x55><0x01><0x13> Receive : <0x55><0x02><Response><0x13> |