công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT48R065 bảng dữ liệu(PDF) 38 Page - Holtek Semiconductor Inc

tên linh kiện HT48R065
Giải thích chi tiết về linh kiện  Enhanced I/O Type 8-Bit OTP MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R065 bảng dữ liệu(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT48R065 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 39Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 40Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
HT48R063/064/065/066/0662/067
Rev. 1.30
38
June 11, 2010
· PFD Output
The device contains a PFD function whose single or
dual outputs are pin-shared with I/O pins. The output
function of these pin are chosen using the CTRL0 reg-
ister. Note that the corresponding bit of the port
control register, must setup the pin as an output to en-
able the PFD, PFD output. If the port control register
has setup these pins as input, then these pins will
function as normal logic input with the usual pull-high
selection, even if the PFD function has been selected.
· PWM Outputs
Some devices contain a PWM function whose outputs
are pin-shared with I/O pins. The PWM output func-
tions are chosen using the CTRL0 and CTRL2
registers. Note that the corresponding bit of the port
control registers, for the output pin, must setup the pin
as an output to enable the PWM output. If the pins are
setup as inputs, then the pin will function as a normal
logic input with the usual pull-high selections, even if
the PWM registers have enabled the PWM function.
· SCOM Driver Pins
Pins PB0~PB3 on Port B can be used as LCD COM
driver pins. This function is controlled using the
SCOMC register which will generate the necessary
1/2 bias signals on these four pins.
Pin Remapping Configuration
-
HT48R0662/HT48R067
The pin remapping function enables the function pins
INT, TC0 and PFD to be located on different port pins. It
is important not to confuse the Pin Remapping function
with the Pin-shared function, these two functions have
no interdependence.
The PCFG bit in the CTRL0 register allows the three
function pins INT, TC0 and PFD to be remapped to dif-
ferent port pins. After power up, this bit will be reset to
zero, which will define the default port pins to which
these three functions will be mapped. Changing this bit
will move the functions to other port pins.
Examination of the pin names on the package diagrams
will reveal that some pin function names are repeated,
this indicates a function pin that can be remapped to
other port pins. If the pin name is bracketed then this in-
dicates its alternative location. Pin names without brack-
ets indicates its default location which is the condition
after Power-on.
PCFG Bit Status
PCFG Bit
0
1
Pin Mapping
INT/PA3
TC0/PA2
PFD/PA1
[INT]/PB5
[TC0]/PB4
[PFD]/PB3
Pin Remapping
I/O Pin Structures
The diagrams illustrate the I/O pin internal structures. As
the exact logical construction of the I/O pin may differ
from these drawings, they are supplied as a guide only
to assist with the functional understanding of the I/O
pins.
V D D
M
U
X
W a k e - u p S e l e c t
S y s t e m W a k e - u p
R e a d D a t a R e g i s t e r
D
Q
C K
S
D
Q
C K
S
C o n t r o l B i t
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
I / O p i n
Q
Q
P A o n l y
W e a k
P u l l - u p
P u l l - H i g h
S e l e c t
Generic Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com