công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPL02001031MP bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện HPL02001031MP
Giải thích chi tiết về linh kiện  High Life Cycle, High Temperature Capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

HPL02001031MP bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  HPL02001031MP Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL02001031MP Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL02001031MP Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL02001031MP Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL02001031MP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
How to Order - Linear HotPots
Crimpflex Solder Tab (ST)
Crimpflex Female Receptacles with a
Plain Housing (RH)
Crimpflex Female Receptacles with a
Latch Housing (RL)
Crimpflex Female Receptacles
with a Detent Housing (RD)
Crimpflex Short Male Pins (MP)
spectrasymbol.com
(888) 795-2283
Page 2
Standard Connector Options
103
Resistance
Active Lengths < 300mm
103 = 10 KOhm
Active Lengths > 300mm
203 = 20 KOhm
L
Model
L = Linear
HP
Series
HP = HotPot
Active Length
0050
Connectors
ST = Solder Tab
MP = Male Pins
RH = Receptacles w/Plain Housing
RL = Receptacles w/Latch Housing
RD = Receptacles w/Detent Housing
0012 = 12,5mm
0025 = 25mm
0050 = 50mm
0100 = 100mm
0150 = 150mm
0170 = 170mm
0200 = 200mm
0300 = 300mm
0400 = 400mm
0500 = 500mm
0750 = 750mm
1000 = 1000mm
Electrical Schematic
Material Cross-Section
10K or 20K
(RIGHT BUS BAR)
PIN 3 (GND)
PIN 2
PIN 1 (V+)
(LEFT BUS BAR)
(COLLECTOR)
0.05 [0.002] 3M 200MP ADHESIVE
0.46 [0.018] TOTAL THICKNESS
0.41 [0.016] CIRCUIT
ST
3%
Ind. Linearity
1% = ±1%
3% = ±3%



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com