công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPL02001031MP bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện HPL02001031MP
Giải thích chi tiết về linh kiện  High Life Cycle, High Temperature Capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

HPL02001031MP bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  HPL02001031MP Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL02001031MP Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL02001031MP Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL02001031MP Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL02001031MP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
- High Life Cycle
- High Temperature Capability
- Linear Position Sensor
- IP65 Dust Proof, Water Proof (Intense Spray)
- Fiberglass Substrate
- 3M Pressure Sensitive Adhesive (PSA)
- Upon Request
- Male or Female Nicomatic Connectors
- Wiper of 1-3 Newton Force to Actuate
Part
- Contactless Options Available
spectrasymbol.com
(888) 795-2283
Rev F2 - Page 1
Mechanical Specifications
Environmental Specifications
Electrical Specifications
-Life Cycle: >10 million
-Height: 0.51mm (0.020")
-Actuation Force (with a 10mm wide active cavity):
-40°C 3.0 to 5.0 N
-25°C 2.0 to 5.0 N
+23°C 0.8 to 2.0 N
+85°C 0.7 to 1.8 N
-Operating Temperature: -40°C to +85°C
-Humidity: No affect @ 95% RH, 24hrs 60°C
-IP Rating of Active Area: IP65
Dimensional Diagram - Stock Linear HotPots
A
50.00mm
1.969"
100.00mm
3.937"
150.00mm
5.906"
200.00mm
7.874"
300.00mm
11.811"
400.00mm
15.748"
500.00mm
19.685"
P
65.86mm
2.593"
25.00mm
0.984"
40.86mm
1.609"
12.50mm
0.492"
28.36mm
1.117"
115.86mm
4.562"
165.86mm
6.531"
215.86mm
8.499"
170.00mm
6.693"
185.86mm
7.318"
315.86mm
12.436"
415.86mm
16.373"
515.86mm
20.310"
750.00mm
29.528"
1000.00mm
39.370"
765.86mm
30.153"
1015.86mm
39.995"
T
24.89mm
0.980"
12.70mm
0.500"
-Resistance - Standard: 10k Ohms
(lengths >300mm = 20k Ohms)
-Resistance - Custom: 5k to 100k Ohms
-Resistance Tolerance: ±20%
-Effective Electrical Travel: 10 to 1200mm
-Linearity (Independent): Linear ±1% or ±3%
Rotary ±3% or ±5%
-Repeatability: No hysteresis, but with any wiper
looseness some hysteresis will occur
-Power Rating (depending on size, varies with
length and temperature): 1 Watt max. @ 25°C,
0.5 Watt recommended
-Resolution: Analog output theoretically infinite;
affected by variation of contact wiper surface
area.
-Dielectric Value: No affect @ 500VAC for 1
minute
ACTIVE LENGTH [A]
6.60 [0.260]
PART LENGTH [P]
7.93 [0.312]
20.32 [0.800]
7.11 [0.280]
ACTIVE WIDTH
10.16 [0.400]
TAIL WIDTH
TAIL LENGTH [T]
PIN 1


Số phần tương tự - HPL02001031MP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
HPL0603 ETC-HPL0603 Datasheet
45Kb / 1P
HPL series, High-Q, high-current thin film chip inductors
HPL0603 ETC2-HPL0603 Datasheet
54Kb / 1P
HPL, TFL series, high-precision, thin-film chip inductors.
HPL0603-1NO ETC-HPL0603-1NO Datasheet
45Kb / 1P
HPL series, High-Q, high-current thin film chip inductors
HPL0603-1NO ETC2-HPL0603-1NO Datasheet
54Kb / 1P
HPL, TFL series, high-precision, thin-film chip inductors.
HPL0603-1NO-E02 ETC2-HPL0603-1NO-E02 Datasheet
54Kb / 1P
HPL, TFL series, high-precision, thin-film chip inductors.
More results

Mô tả tương tự - HPL02001031MP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DB Lectro Inc
SR2R5504Z DBLECTRO-SR2R5504Z Datasheet
331Kb / 2P
High capacitance and low resistance for long cycle life applications
SR2R5304Z DBLECTRO-SR2R5304Z Datasheet
306Kb / 2P
High capacitance and low resistance for long cycle life applications
SR2R5105Z DBLECTRO-SR2R5105Z Datasheet
303Kb / 2P
High capacitance and low resistance for long cycle life applications
SC5R5802Z DBLECTRO-SC5R5802Z Datasheet
294Kb / 2P
High capacitance and low resistance for long cycle life applications
SC5R5403Z DBLECTRO-SC5R5403Z Datasheet
310Kb / 2P
High capacitance and low resistance for long cycle life applications
SC5R5332Z DBLECTRO-SC5R5332Z Datasheet
319Kb / 2P
High capacitance and low resistance for long cycle life applications
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
STMicroelectronics
SCT20N120 STMICROELECTRONICS-SCT20N120 Datasheet
499Kb / 13P
Very high operating temperature capability
17-Dec-2015
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
High Temperature - High Voltage ??Long Life
logo
STMicroelectronics
STPS10SM80C STMICROELECTRONICS-STPS10SM80C Datasheet
143Kb / 11P
High junction temperature capability
11-Apr-2011
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com