| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC18IM700 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC18IM700 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 22 page ![]() xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x 9.1 Register summary Table 4. Internal registers summary Register address Register Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 R/W Default value General register set 0x00 BRG0 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W 0xF0 0x01 BRG1 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W 0x02 0x02 PortConf1 GPIO3.1 GPIO3.0 GPIO2.1 GPIO2.0 GPIO1.1 GPIO1.0 GPIO0.1 GPIO0.0 R/W 0x55 0x03 PortConf2 GPIO7.1 GPIO7.0 GPIO6.1 GPIO6.0 GPIO5.1 GPIO5.0 GPIO4.1 GPIO4.0 R/W 0x55 0x04 IOState GPIO7 GPIO6 GPIO5 GPIO4 GPIO3 GPIO2 GPIO1 GPIO0 R/W 0x0F 0x05 reserved bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 - 0x00 0x06 I2CAdr bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W 0x26 0x07 I2CClkL bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W 0x13 0x08 I2CClkH bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W 0x13 0x09 I2CTO TO7 TO6 TO5 TO4 TO3 TO2 TO1 TE R/W 0x66 0x0A I2CStat 1 1 1 1 I2CStat[3] I2CStat[2] I2CStat[1] I2CStat[0] R 0xF0 |