| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDTC124TS bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC124TS bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 14 page ![]() 2004 Aug 13 2 NXP Semiconductors Product data sheet NPN resistor-equipped transistors; R1 = 22 k Ω, R2 = open PDTC124T series FEATURES • Built-in bias resistors • Simplified circuit design • Reduction of component count • Reduced pick and place costs. APPLICATIONS • General purpose switching and amplification • Inverter and interface circuits • Circuit driver. QUICK REFERENCE DATA DESCRIPTION NPN resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details). SYMBOL PARAMETER TYP. MAX. UNIT VCEO collector-emitter voltage − 50 V IO output current (DC) − 100 mA R1 bias resistor 22 − k Ω R2 open − − − PRODUCT OVERVIEW Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. * = W: Made in China. TYPE NUMBER PACKAGE MARKING CODE PNP COMPLEMENT PHILIPS EIAJ PDTC124TE SOT416 SC-75 41 PDTA124TE PDTC124TEF SOT490 SC-89 35 PDTA124TEF PDTC124TK SOT346 SC-59 50 PDTA124TK PDTC124TM SOT883 SC-101 DY PDTA124TM PDTC124TS SOT54 (TO-92) SC-43 TC124T PDTA124TS PDTC124TT SOT23 − *45(1) PDTA124TT PDTC124TU SOT323 SC-70 *50(1) PDTA124TU |