công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8566TS bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện PCF8566TS
Giải thích chi tiết về linh kiện  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566TS bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button PCF8566TS Datasheet HTML 6Page - NXP Semiconductors PCF8566TS Datasheet HTML 7Page - NXP Semiconductors PCF8566TS Datasheet HTML 8Page - NXP Semiconductors PCF8566TS Datasheet HTML 9Page - NXP Semiconductors PCF8566TS Datasheet HTML 10Page - NXP Semiconductors PCF8566TS Datasheet HTML 11Page - NXP Semiconductors PCF8566TS Datasheet HTML 12Page - NXP Semiconductors PCF8566TS Datasheet HTML 13Page - NXP Semiconductors PCF8566TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
10 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
7.4 LCD drive mode waveforms
7.4.1 Static drive mode
The static LCD drive mode is used when a single backplane is provided in the LCD.
Backplane and segment drive waveforms for this mode are shown in Figure 5.
Vstate1(t) = VSn(t) − VBP0(t).
Von(RMS) = VLCD.
Vstate2(t) = VSn+1(t) − VBP0(t).
Voff(RMS) = 0 V.
Fig 5.
Static drive mode waveforms
mgl745
VSS
VLCD
VSS
VLCD
VSS
VLCD
VLCD
−VLCD
−VLCD
VLCD
state 1
0 V
BP0
Sn
Sn+1
state 2
0 V
(a) Waveforms at driver.
(b) Resultant waveforms
at LCD segment.
LCD segments
state 1
(on)
state 2
(off)
Tfr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48